Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-292207-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5-292207-4
Description  AMP MINI CT CONNECTOR 1.5MM PITCH SINGLE ROW POST HDR ASSY DIP STAGGERED TYPE WITH BOSS WITH KINK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-292207-4 Datasheet(HTML) 1 Page - Tyco Electronics

  5-292207-4 Datasheet HTML 1Page - Tyco Electronics 5-292207-4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 5-292207-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
5-292206-3 MACOM-5-292206-3 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
5-292206-4 MACOM-5-292206-4 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
5-292206-5 MACOM-5-292206-5 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
5-292206-6 MACOM-5-292206-6 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
More results

Similar Description - 5-292207-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292230-4 MACOM-292230-4 Datasheet
158Kb / 4P
   SINGLE ROW POST HDR ASSY SMT TYPE WITH BOSS, EMBOSS TAPE PACKAGED
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
   AMP MiNi CT Connector 1.5mm PITCH
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
   AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
logo
Molex Electronics Ltd.
0039276023 MOLEX1-0039276023 Datasheet
136Kb / 2P
   2.5 LOW PROFILE WAFER ASSY WITH KINK
logo
List of Unclassifed Man...
103735 ETC1-103735 Datasheet
91Kb / 1P
   HDR ASSY, VERT, SINGLE ROW 2.54[.100], 0.64[.025] SQ POST, WITH PLZN & LATCHING, AMPMODU MTE
logo
Tyco Electronics
2-103669-7 MACOM-2-103669-7 Datasheet
256Kb / 2P
   HDR ASSY, VERT, SINGLE ROW 2.54 [.100] C/L 0.64 [.025] SQ POST WITH PLZN, AMPMODU MTE
2-103669-9 MACOM-2-103669-9 Datasheet
256Kb / 2P
   HDR ASSY, VERT, SINGLE ROW 2.54 [.100] C/L 0.64 [.025] SQ POST WITH PLZN, AMPMODU MTE
2-103669-8 MACOM-2-103669-8 Datasheet
256Kb / 2P
   HDR ASSY, VERT, SINGLE ROW 2.54 [.100] C/L 0.64 [.025] SQ POST WITH PLZN, AMPMODU MTE
6-103735-0 MACOM-6-103735-0 Datasheet
237Kb / 2P
   HDR ASSY, VERT, SINGLE ROW 2.54[.100] CL, 0.64[.025] SQ POST, WITH PLZN & LATCHING, AMPMODU MTE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com