Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMX16UP60A-2 Datasheet(PDF) 5 Page - International Rectifier

Part # IRAMX16UP60A-2
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMX16UP60A-2 Datasheet(HTML) 5 Page - International Rectifier

  IRAMX16UP60A-2 Datasheet HTML 1Page - International Rectifier IRAMX16UP60A-2 Datasheet HTML 2Page - International Rectifier IRAMX16UP60A-2 Datasheet HTML 3Page - International Rectifier IRAMX16UP60A-2 Datasheet HTML 4Page - International Rectifier IRAMX16UP60A-2 Datasheet HTML 5Page - International Rectifier IRAMX16UP60A-2 Datasheet HTML 6Page - International Rectifier IRAMX16UP60A-2 Datasheet HTML 7Page - International Rectifier IRAMX16UP60A-2 Datasheet HTML 8Page - International Rectifier IRAMX16UP60A-2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IRAMX16UP60A
www.irf.com
5
Dynamic Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
TON
Input to Output propagation turn-
on delay time (see fig.11)
---
590
---
ns
TOFF
Input to Output propagation turn-
off delay time (see fig. 11)
---
660
---
ns
TFLIN
Input Filter time (HIN, LIN)
100
200
---
ns
VIN=0 & VIN=5V
TBLT-Trip
ITRIP Blancking Time
100
150
ns
VIN=0 & VIN=5V
DT
Dead Time (VBS=VDD=15V)
220
290
360
ns
VBS=VCC=15V
MT
Matching Propagation Delay Time
(On & Off)
---
40
75
ns
VCC= VBS= 15V, external dead
time> 400ns
TITrip
ITrip to six switch to turn-off
propagation delay (see fig. 2)
---
---
1.75
—s
VCC=VBS= 15V, IC=8A,
V
+=400V
---
7.7
---
TC = 25°C
---
6.7
---
TC = 100°C
Post ITrip to six switch to turn-off
clear time (see fig. 2)
TFLT-CLR
ms
Driver only timing unless otherwise specified.
VCC=VBS= 15V, IC=8A,
V
+=400V
Static Electrical Characteristics Driver Function
Symbol
Definition
Min
Typ
Max
Units
VIH
Logic "0" input voltage
3.0
---
---
V
VIL
Logic "1" input voltage
---
---
0.8
V
VCCUV+, VBSUV+
VCC and VBS supply undervoltage Positive going threshold
10.6
11.1
11.6
V
VCCUV-, VBSUV-
VCC and VBS supply undervoltage Negative going threshold
10.4
10.9
11.4
V
VCCUVH, VBSUVH
VCC and VBS supply undervoltage lock-out hysteresis
---
0.2
---
V
VIN, Clamp
Input Clamp Voltage (HIN, LIN, T/ITRIP) IIN=10—A
4.9
5.2
5.5
V
IQBS
Quiescent VBS supply current VIN=0V
---
---
165
—A
IQCC
Quiescent VCC supply current VIN=0V
---
---
3.35
mA
ILK
Offset Supply Leakage Current
---
---
60
—A
IIN+
Input bias current VIN=5V
---
200
300
—A
IIN-
Input bias current VIN=0V
---
100
220
—A
T/ITRIP+
T/ITRIP bias current VITRIP=5V
---
30
100
—A
T/ITRIP-
T/ITRIP bias current VITRIP=0V
---
0
1
—A
V(T/ITRIP)T/ITRIP threshold Voltage
3.85
4.30
4.75
V
V(T/ITRIP,HYS)
T/ITRIP Input Hysteresis
---
0.07
---
V
VBIAS (VCC, VBS1,2,3)=15V, unless otherwise specified. The VIN and IIN parameters are referenced to COM and are applicable
to all six channels. (Note 3)


Similar Part No. - IRAMX16UP60A-2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A Datasheet
366Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMX16UP60A IRF-IRAMX16UP60A Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A IRF-IRAMX16UP60A_15 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAMX16UP60A-2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com