Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFS3107 Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRFS3107
Description  Advanced Process Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS3107 Datasheet(HTML) 3 Page - International Rectifier

  AUIRFS3107 Datasheet HTML 1Page - International Rectifier AUIRFS3107 Datasheet HTML 2Page - International Rectifier AUIRFS3107 Datasheet HTML 3Page - International Rectifier AUIRFS3107 Datasheet HTML 4Page - International Rectifier AUIRFS3107 Datasheet HTML 5Page - International Rectifier AUIRFS3107 Datasheet HTML 6Page - International Rectifier AUIRFS3107 Datasheet HTML 7Page - International Rectifier AUIRFS3107 Datasheet HTML 8Page - International Rectifier AUIRFS3107 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIRFS/SL3107
www.irf.com
3
Qualification Information
3L-D2 PAK
MSL1
3L-TO-262
N/A
Qualification Level
Automotive
(per AEC-Q101)
††
Comments:
This
part
number(s)
passed
Automotive
qualification. IR’s Industrial and Consumer qualification level is
granted by extension of the higher Automotive level.
Charged Device Model
Class C5(+/- 2000V )
†††
(per AEC-Q101-005)
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M4(+/- 800V )
†††
(per AEC-Q101-002)
Human Body Model
Class H3A(+/- 6000V )
†††
(per AEC-Q101-001)
Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
††
Exceptions (if any) to AEC-Q101 requirements are noted in the qualification report.
†††
Highest passing voltage


Similar Part No. - AUIRFS3107

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS3107 INFINEON-AUIRFS3107 Datasheet
723Kb / 11P
   AUTOMOTIVE GRADE
2015-10-20
logo
International Rectifier
AUIRFS3107-7P IRF-AUIRFS3107-7P Datasheet
739Kb / 12P
   HEXFETPower MOSFET
logo
Infineon Technologies A...
AUIRFS3107-7P INFINEON-AUIRFS3107-7P Datasheet
699Kb / 10P
   Advanced Process Technology
2015-10-20
logo
International Rectifier
AUIRFS3107-7TRL IRF-AUIRFS3107-7TRL Datasheet
739Kb / 12P
   HEXFETPower MOSFET
AUIRFS3107-7TRR IRF-AUIRFS3107-7TRR Datasheet
739Kb / 12P
   HEXFETPower MOSFET
More results

Similar Description - AUIRFS3107

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com