Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTA0509XMC Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # NTA0509XMC
Description  1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

NTA0509XMC Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  NTA0509XMC Datasheet HTML 1Page - Microdc power Technology Co., Ltd NTA0509XMC Datasheet HTML 2Page - Microdc power Technology Co., Ltd NTA0509XMC Datasheet HTML 3Page - Microdc power Technology Co., Ltd NTA0509XMC Datasheet HTML 4Page - Microdc power Technology Co., Ltd NTA0509XMC Datasheet HTML 5Page - Microdc power Technology Co., Ltd NTA0509XMC Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTA-X
NTA-X
NTA-X
NTA-X
NTA-X
NTA-X
NTA-X
NTA-X Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 6
Application
Application
Application
Application
Application
Application
Application
Application Notes
Notes
Notes
Notes
Notes
Notes
Notes
Notes
Minimum
Minimum
Minimum
Minimum load
load
load
load
The minimum load to meet data sheet speciffication is 10% of the full rated load across the speciffied input voltage range. Lower than 10% minimum loading will result in an
increase in output voltage, which may rise to typically double the speciffied output voltage if the output load falls to less than 5%.
Capacitive
Capacitive
Capacitive
Capacitive loading
loading
loading
loading and
and
and
and start
start
start
start up
up
up
up
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product series will start
into a capacitance of 47μF with an increased start time, however, the maximum recommended output capacitance is 10μF.
Start-up time
Start-up time
μs
μs
NTA0303XMC
1630
NTA0509XMC
6850
NTA0305XMC
1359
NTA0512XMC
11560
NTA0309XMC
3435
NTA0515XMC
15640
NTA0312XMC
6590
NTA1205XMC
1154
NTA0315XMC
25340
NTA1209XMC
4050
NTA0503XMC
1599
NTA1212XMC
7995
NTA0505XMC
2185
NTA1215XMC
11200
NTA0305NXM
C
1395
Ripple
Ripple
Ripple
Ripple &
&
&
& Noise
Noise
Noise
Noise Characterization
Characterization
Characterization
Characterization Method
Method
Method
Method
Ripple and noise measurements are performed with the following test configu-ration.
C1
1μF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC/DC converter
C2
10μF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC/DC converter with an ESR of less
than 100mΩ at 100 kHz
C3
100nF multilayer ceramic capacitor, general purpose
R1
450Ω resistor, carbon fi lm, ±1% tolerance
R2
50Ω BNC termination
T1
3T of the coax cable through a ferrite toroid
RLOAD
Resistive load to the maximum power rating of the DC/DC converter. Connections should be made via twisted wires
Measured values are multiplied by 10 to obtain the speciffied values.
Differential
Differential
Differential
Differential Mode
Mode
Mode
Mode Noise
Noise
Noise
Noise Test
Test
Test
Test Schematic
Schematic
Schematic
Schematic


Similar Part No. - NTA0509XMC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTA0509M CANDD-NTA0509M Datasheet
146Kb / 2P
   Isolated 1W Dual Output SM DC-DC Converters
logo
Murata Manufacturing Co...
NTA0509MC MURATA-NTA0509MC Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
logo
Murata Power Solutions ...
NTA0509MC MURATA-PS-NTA0509MC Datasheet
669Kb / 9P
   Isolated 1W Dual Output SM DC-DC Converters
2020
More results

Similar Description - NTA0509XMC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
NTE-X MICRODC-NTE-X Datasheet
972Kb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
logo
Bothhand USA, LP.
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com