Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU4N20 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FQU4N20
Description  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU4N20 Datasheet(HTML) 9 Page - Fairchild Semiconductor

  FQU4N20 Datasheet HTML 1Page - Fairchild Semiconductor FQU4N20 Datasheet HTML 2Page - Fairchild Semiconductor FQU4N20 Datasheet HTML 3Page - Fairchild Semiconductor FQU4N20 Datasheet HTML 4Page - Fairchild Semiconductor FQU4N20 Datasheet HTML 5Page - Fairchild Semiconductor FQU4N20 Datasheet HTML 6Page - Fairchild Semiconductor FQU4N20 Datasheet HTML 7Page - Fairchild Semiconductor FQU4N20 Datasheet HTML 8Page - Fairchild Semiconductor FQU4N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
  


 <    #
"@!   <




)


H



 !
"

#$%&H



 '(
 ')
 '*
+$%
$+,%
-
.

%5+F50:5I++::+*:F:+59F%J:F%9:>5FII+F:+5:%K
8+IF:+:558+*:+:05%C505KI5+:59 %5+F50:%I:%K
05%C505K%+559IF:%8805%5+I:%K8+I+5+I5:+5C:F:+:5L
:5F:+:5*:K%K05::I:+58%:+59F+F:+59FF:+

%5+F50 8+I %+:  %IF+5D: + I: % +55%0 8: 5 05: I88+
:*5: + K: >5FI F: :M8+: >+5: %88+*%0  %5+F50 :5I+
5:+%5%0
%N
- 0! ! 
 13  "
1"3 1 3 
    
!   "   " "  @  
  O
) %     
!          "
" @    
!   !

   
 ! "#
$#$
 "
%! 5
!5

   
 !     
 
8 
8 
  
  ""  
    !<
 !

5 
 8 
       
  !< 
 !
" 
58 
    
" "    
  


Similar Part No. - FQU4N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQU4N20 ISC-FQU4N20 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQU4N20L FAIRCHILD-FQU4N20L Datasheet
519Kb / 9P
   200V LOGIC N-Channel MOSFET
FQU4N20L FAIRCHILD-FQU4N20L Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQU4N20L ISC-FQU4N20L Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQU4N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com