Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YC248 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # YC248
Description  ARRAY CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YC248 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  YC248 Datasheet HTML 1Page - List of Unclassifed Manufacturers YC248 Datasheet HTML 2Page - List of Unclassifed Manufacturers YC248 Datasheet HTML 3Page - List of Unclassifed Manufacturers YC248 Datasheet HTML 4Page - List of Unclassifed Manufacturers YC248 Datasheet HTML 5Page - List of Unclassifed Manufacturers YC248 Datasheet HTML 6Page - List of Unclassifed Manufacturers YC248 Datasheet HTML 7Page - List of Unclassifed Manufacturers YC248 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SERIES
YC
248 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Oct 31, 2008 V.2
Product specification
5
8
FOOTPRINT AND SOLDERING
PROFILES
For recommended footprint and
soldering profiles, please see the
special data sheet “Chip resistors
mounting”.
FUNCTIONAL DESCRIPTION
POWER RATING
YC 248 rated power at 70 °C is 1/16 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
MLB206_2
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
155
P
handbook, halfpage
Fig. 5 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
YC248
Paper Taping Reel (R)
7" (178 mm)
5,000 units
Embossed taping reel (K)
7" (178 mm)
4,000 units
NOTE
1. For Paper/Embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
YC248 1/16 W
Operating Temperature Range
–55 °C to +155 °C
Maximum Working Voltage
50 V
Maximum Overload Voltage
100 V
Dielectric Withstanding Voltage
100 V
Number of Resistors
8
5% (E24) 10 Ω to 1 MΩ
1% (E24/E96) 10 Ω to 1 MΩ
Resistance Range
Zero Ohm Jumper
< 0.05 Ω
Temperature Coefficient
±200 ppm/°C
Jumper Criteria
Rated Current
2.0 A
Maximum Current
10 A
Table 2


Similar Part No. - YC248

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC248-FK-0710RL YAGEO-YC248-FK-0710RL Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
YC248-FR-0710RL YAGEO-YC248-FR-0710RL Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
YC248-JK-0710RL YAGEO-YC248-JK-0710RL Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
YC248-JR-0710RL YAGEO-YC248-JR-0710RL Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
YC248-JR-0733RL YAGEO-YC248-JR-0733RL Datasheet
428Kb / 8P
   ORDERING INFORMATION - GLOBAL PART NUMBER
More results

Similar Description - YC248

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com