Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC53427HYE Datasheet(PDF) 3 Page - Intel Corporation

Part # DC53427HYE
Description  2 Mini DisplayPorts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DC53427HYE Datasheet(HTML) 3 Page - Intel Corporation

  DC53427HYE Datasheet HTML 1Page - Intel Corporation DC53427HYE Datasheet HTML 2Page - Intel Corporation DC53427HYE Datasheet HTML 3Page - Intel Corporation DC53427HYE Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
power, Capabilities, and performance
in four Inches Square
2
3
1
4
5
6
7
8
3
HIgHl IgH TeD Fe aT Ure S
1 Intel Core i5-3427U processor supporting
Intel vpro technology and Intel® Small
Business Advantage
2 Intel® QS77 Express chipset
3 Dual Mini Displayports* supporting
Dp 1.1a and one HDMI* port supporting
HDMI 1.4a for triple display capability
4 Intel® gigabit lAN
5 front panel USB 3.0 port
6 Dual USB 2.0 ports
7 19 V, 65 W DC power connector
8 Dual So-DIMM sockets for memory
expandability up to 16 GB
4¨ (11 cm)
DC53427HYE proDUCt BrIEf 3


Similar Part No. - DC53427HYE

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DC5304X STANLEY-DC5304X Datasheet
267Kb / 1P
   SINGLE COLOR LED
DC5305S STANLEY-DC5305S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
logo
List of Unclassifed Man...
DC5306X ETC2-DC5306X Datasheet
260Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
DC5306X STANLEY-DC5306X Datasheet
263Kb / 1P
   SINGLE COLOR LED
DC5306X STANLEY-DC5306X Datasheet
263Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - DC53427HYE

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
103123 PHOENIX-103123 Datasheet
338Kb / 9P
   MINI-DC-UPS/24DC/2
logo
List of Unclassifed Man...
2765 ETC2-2765 Datasheet
582Kb / 2P
   MINI 2-AXIS ANALOG THUMBSTICK
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841_14 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
logo
Siemens Semiconductor G...
PEF2015 SIEMENS-PEF2015 Datasheet
1Mb / 84P
   Mini IOM-2 Controller MICO
logo
Molex Electronics Ltd.
151370206 MOLEX-151370206 Datasheet
127Kb / 1P
   Mini-Lock 2 Circuit 600MM
2018/11/22
logo
Adels-Contact
230102 ADELS-230102 Datasheet
145Kb / 2P
   RKW 14 mini O/ 2 grey
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
   Mini PCIe 2-port USB Card
logo
KODENSHI_AUK CORP.
KMIP2-B28DL KODENSHI-KMIP2-B28DL Datasheet
286Kb / 2P
   2 Mini CAN InGaAs PIN PD
logo
PHOENIX CONTACT
100298 PHOENIX-100298 Datasheet
301Kb / 13P
   MINI-PS-100-240AC/24DC/2
logo
Adels-Contact
230192 ADELS-230192 Datasheet
150Kb / 2P
   RKW 14 mini O/ 2 orange
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com