Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAP1188-1-CP-TR Datasheet(PDF) 30 Page - Microchip Technology

Part # CAP1188-1-CP-TR
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188-1-CP-TR Datasheet(HTML) 30 Page - Microchip Technology

Back Button CAP1188-1-CP-TR Datasheet HTML 26Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 27Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 28Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 29Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 30Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 31Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 32Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 33Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Datasheet
Revision 1.32 (01-05-12)
30
SMSC CAP1188
DATASHEET
Chapter 4 General Description
The CAP1188 is a multiple channel Capacitive Touch sensor with multiple power LED drivers. It
contains eight (8) individual capacitive touch sensor inputs with programmable sensitivity for use in
touch sensor applications. Each sensor input automatically recalibrates to compensate for gradual
environmental changes.
The CAP1188 also contains eight (8) low side (or push-pull) LED drivers that offer full-on / off, variable
rate blinking, dimness controls, and breathing. Each of the LED drivers may be linked to one of the
sensor inputs to be actuated when a touch is detected. As well, each LED driver may be individually
controlled via a host controller.
Finally, the device contains a dedicated RESET pin to act as a soft reset by the system.
The CAP1188 offers multiple power states. It operates at the lowest quiescent current during its Deep
Sleep state. In the low power Standby state, it can monitor one or more channels and respond to
communications normally. The device contains a wake pin (WAKE/SPI_MOSI) output to wake the
system when a touch is detected in Standby and to wake the device from Deep Sleep.
The device communicates with a host controller using the SPI bus, SMSC BC-Link bus, or via SMBus
/ I2C. The host controller may poll the device for updated information at any time or it may configure
the device to flag an interrupt whenever a touch is detected on any sensor pad.
A typical system diagram is shown in Figure 4.1.


Similar Part No. - CAP1188-1-CP-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
More results

Similar Description - CAP1188-1-CP-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
logo
SMSC Corporation
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Microchip Technology
CAP1133 MICROCHIP-CAP1133 Datasheet
931Kb / 63P
   3 Channel Capacitive Touch Sensor with 3 LED Drivers
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com