Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0600-000E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0600-000E
Description  High CMR, High Speed TTL Compatible Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0600-000E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0600-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0600-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0600-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0600-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0600-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0600-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0600-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0600-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0600-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
• 15 kV/µs minimum Common Mode Rejection (CMR)
at V
CM = 1 kV for HCNW2611, HCPL-2611, HCPL-4661,
HCPL-0611, HCPL-0661
• High speed: 10 MBd typical
• LSTTL/TTL compatible
• Low input current capability: 5 mA
• Guaranteed AC and DC performance over temper-
ature: -40 °C to +85 °C
• Available in 8-Pin DIP, SOIC-8, widebody packages
• Strobable output (single channel products only)
• Safety approval
UL recognized - 3750 V
rms for 1 minute and 5000 Vrms*
for 1 minute per UL1577 CSA approved
IEC/EN/DIN EN 60747-5-5 approved with
V
IORM = 567 Vpeak for 06xx Option 060
V
IORM = 630 Vpeak for 6N137/26xx Option 060
V
IORM = 1414 Vpeak for HCNW137/26x1
• MIL-PRF-38534 hermetic version available
(HCPL-56xx/66xx)
Applications
• Isolated line receiver
• Computer-peripheral interfaces
• Microprocessor system interfaces
• Digital isolation for A/D, D/A conversion
• Switching power supply
• Instrument input/output isolation
• Ground loop elimination
• Pulse transformer replacement
• Power transistor isolation in motor drives
• Isolation of high speed logic systems
Functional Diagram
*5000 V
rms/1 Minute rating is for HCNW137/26X1 and Option 020
(6N137, HCPL-2601/11/30/31, HCPL-4661) products only.
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
6N137, HCNW137, HCNW2601, HCNW2611, HCPL-0600,
HCPL-0601, HCPL-0611, HCPL-0630, HCPL-0631, HCPL-0661,
HCPL-2601, HCPL-2611, HCPL-2630, HCPL-2631, HCPL-4661
High CMR, High Speed TTL Compatible Optocouplers
Data Sheet
Description
The 6N137, HCPL-26xx/06xx/4661, HCNW137/26x1 are
optically coupled gates that combine a GaAsP light emit-
ting diode and an integrated high gain photo detector.
An enable input allows the detector to be strobed. The
output of the detector IC is an open collector Schottky-
clamped transistor. The internal shield provides a guar-
anteed common mode transient immunity specification
up to 15,000 V/
µs at V
cm = 1000 V.
This unique design provides maximum AC and DC circuit
isolation while achieving TTL compatibility. The optocou-
pler AC and DC operational parameters are guaranteed
from -40
°C to +85 °C allowing troublefree system per-
formance.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
1
2
3
4
8
7
6
5
CATHODE
ANODE
GND
V
VCC
O
1
2
3
4
8
7
6
5
ANODE 2
CATHODE 2
CATHODE 1
ANODE 1
GND
V
VCC
O2
VE
VO1
6N137, HCPL-2601/2611
HCPL-0600/0601/0611
HCPL-2630/2631/4661
HCPL-0630/0631/0661
NC
NC
LED
ON
OFF
ON
OFF
ON
OFF
ENABLE
H
H
L
L
NC
NC
OUTPUT
L
H
H
H
L
H
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
TRUTH TABLE
(POSITIVE LOGIC)
SHIELD
SHIELD


Similar Part No. - HCPL-0600-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

Similar Description - HCPL-0600-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com