Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU2N90 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQU2N90
Description  900V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU2N90 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQU2N90 Datasheet HTML 1Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 2Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 3Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 4Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 5Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 6Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 7Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 8Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
  
 
      
6.60
±0.20
0.76
±0.10
MAX0.96
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
5.34
±0.20
0.50
±0.10
0.50
±0.10
2.30
±0.20
(0.50)
(0.50)
(4.34)



Similar Part No. - FQU2N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU2N90 FAIRCHILD-FQU2N90 Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQU2N90 FAIRCHILD-FQU2N90 Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
logo
Inchange Semiconductor ...
FQU2N90 ISC-FQU2N90 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQU2N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com