Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLRK31Q2R1-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLRK31Q2R1-GS08
Description  Reverse Gullwing SMD LED Red
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLRK31Q2R1-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLRK31Q2R1-GS08 Datasheet HTML 1Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 2Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 3Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 4Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 5Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 6Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 7Page - Vishay Siliconix VLRK31Q2R1-GS08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLRK31..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 22-May-13
2
Document Number: 81778
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving LED in reverse direction is suitable for short term application
Notes
(1) In one packing unit IVmax./IVmin. > 1.6
(2) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.05 V
(3) Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable. In a similar manner for colors where wavelength
groups are measured and binned, single wavelength groups will
be shipped in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) 
VLRK31..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb  85 °C
IF
30
mA
Surge forward current
tp  10 μs
IFSM
1A
Power dissipation
PV
75
mW
Junction temperature
Tj
+ 125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/ambient
mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) 
VLRE31.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 20 mA
VLRK31R1S2
lV
112
-
285
mcd
VLRK31Q1R2
lV
71
-
180
mcd
VLRK31R1R2
lV
112
-
180
mcd
VLRK31Q2R1
lV
90
-
140
mcd
Dominant wavelength (3)
IF = 20 mA
d
620
630
635
nm
Peak wavelength
IF = 20 mA
p
-
643
-
nm
Angle of half intensity
IF = 20 mA
-± 60
-
deg
Forward voltage (2)
IF = 20 mA
VF
-2.1
2.3
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY IV (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
Q
171
90
2
90
112
R
1
112
140
2
140
180
S
1
180
224
2
224
285
CROSSING TABLE
VISHAY
OSRAM
VLRK31R1S2
LST776-R1S2
VLRK31Q1R2
LST776-Q1R2
VLRK31R1R2
LST776-R1R2
VLRK31Q2R1
LST776-Q2R1


Similar Part No. - VLRK31Q2R1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31Q2R1-GS08 VISHAY-VLRK31Q2R1-GS08 Datasheet
268Kb / 8P
   Reverse Gullwing SMD LED Red
Rev. 1.4, 22-May-13
More results

Similar Description - VLRK31Q2R1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
   Reverse Gullwing SMD LED Red
VLRK31R1S2 VISHAY-VLRK31R1S2_V01 Datasheet
232Kb / 8P
   Reverse Gullwing SMD LED Red
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLRK31R1S2 TO-GRACE-VLRK31R1S2 Datasheet
1,023Kb / 8P
   Reverse Gullwing SMD LED Red
logo
Vishay Siliconix
VLRK31 VISHAY-VLRK31 Datasheet
268Kb / 8P
   Reverse Gullwing SMD LED Red
Rev. 1.4, 22-May-13
VLRK31Q1R2 VISHAY-VLRK31Q1R2_V02 Datasheet
252Kb / 8P
   Reverse Gullwing SMD LED Red
01-Jan-2023
VLRE31 VISHAY-VLRE31 Datasheet
231Kb / 9P
   Reverse Gullwing SMD LED Yellow
Rev. 1.4, 22-May-13
VLRE31R1S2 VISHAY-VLRE31R1S2_V01 Datasheet
233Kb / 9P
   Reverse Gullwing SMD LED Yellow
01-Jan-2022
VLRE31R1S2 VISHAY-VLRE31R1S2 Datasheet
232Kb / 9P
   Reverse Gullwing SMD LED Yellow
VLRE31R1S2 VISHAY-VLRE31R1S2_V02 Datasheet
253Kb / 8P
   Reverse Gullwing SMD LED Yellow
01-Jan-2023
logo
HK TO-GRACE TECHNOLOGY ...
VLRE31R1S2 TO-GRACE-VLRE31R1S2 Datasheet
1Mb / 9P
   Reverse Gullwing SMD LED Yellow
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com