Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLRK31Q1R2-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLRK31Q1R2-GS18
Description  Reverse Gullwing SMD LED Red
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLRK31Q1R2-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLRK31Q1R2-GS18 Datasheet HTML 1Page - Vishay Siliconix VLRK31Q1R2-GS18 Datasheet HTML 2Page - Vishay Siliconix VLRK31Q1R2-GS18 Datasheet HTML 3Page - Vishay Siliconix VLRK31Q1R2-GS18 Datasheet HTML 4Page - Vishay Siliconix VLRK31Q1R2-GS18 Datasheet HTML 5Page - Vishay Siliconix VLRK31Q1R2-GS18 Datasheet HTML 6Page - Vishay Siliconix VLRK31Q1R2-GS18 Datasheet HTML 7Page - Vishay Siliconix VLRK31Q1R2-GS18 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VLRK31..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 22-May-13
3
Document Number: 81778
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Relative Intensity vs. Wavelength
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
5
10
15
20
25
30
35
40
0
1020
3040
5060
7080
90 100
Tamb - Ambient Temperature (°C)
16615
10.00
100.00
1000.00
0.01
0.10
1.00
10.00
100.00
tp - Pulse Length (ms)
16622
tp/T = 0.01
0.02
0.05
0.1
0.2
0.5
1
0.4
0.2
0
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
600
620
640
660
680
700
λ - Wavelength (nm)
96 12075
1
10
100
1
1.5
2
2.5
3
VF - Forward Voltage (V)
95 10878
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
19113
red


Similar Part No. - VLRK31Q1R2-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31Q1R2-GS18 VISHAY-VLRK31Q1R2-GS18 Datasheet
268Kb / 8P
   Reverse Gullwing SMD LED Red
Rev. 1.4, 22-May-13
VLRK31Q1R2-GS18 VISHAY-VLRK31Q1R2-GS18 Datasheet
252Kb / 8P
   Reverse Gullwing SMD LED Red
01-Jan-2023
More results

Similar Description - VLRK31Q1R2-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
   Reverse Gullwing SMD LED Red
VLRK31R1S2 VISHAY-VLRK31R1S2_V01 Datasheet
232Kb / 8P
   Reverse Gullwing SMD LED Red
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLRK31R1S2 TO-GRACE-VLRK31R1S2 Datasheet
1,023Kb / 8P
   Reverse Gullwing SMD LED Red
logo
Vishay Siliconix
VLRK31 VISHAY-VLRK31 Datasheet
268Kb / 8P
   Reverse Gullwing SMD LED Red
Rev. 1.4, 22-May-13
VLRK31Q1R2 VISHAY-VLRK31Q1R2_V02 Datasheet
252Kb / 8P
   Reverse Gullwing SMD LED Red
01-Jan-2023
VLRE31 VISHAY-VLRE31 Datasheet
231Kb / 9P
   Reverse Gullwing SMD LED Yellow
Rev. 1.4, 22-May-13
VLRE31R1S2 VISHAY-VLRE31R1S2_V01 Datasheet
233Kb / 9P
   Reverse Gullwing SMD LED Yellow
01-Jan-2022
VLRE31R1S2 VISHAY-VLRE31R1S2 Datasheet
232Kb / 9P
   Reverse Gullwing SMD LED Yellow
VLRE31R1S2 VISHAY-VLRE31R1S2_V02 Datasheet
253Kb / 8P
   Reverse Gullwing SMD LED Yellow
01-Jan-2023
logo
HK TO-GRACE TECHNOLOGY ...
VLRE31R1S2 TO-GRACE-VLRE31R1S2 Datasheet
1Mb / 9P
   Reverse Gullwing SMD LED Yellow
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com