Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21844SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR21844SPBF
Description  HALF-BRIDGE DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21844SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR21844SPBF Datasheet HTML 5Page - International Rectifier IR21844SPBF Datasheet HTML 6Page - International Rectifier IR21844SPBF Datasheet HTML 7Page - International Rectifier IR21844SPBF Datasheet HTML 8Page - International Rectifier IR21844SPBF Datasheet HTML 9Page - International Rectifier IR21844SPBF Datasheet HTML 10Page - International Rectifier IR21844SPBF Datasheet HTML 11Page - International Rectifier IR21844SPBF Datasheet HTML 12Page - International Rectifier IR21844SPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
IR2184(4)(S)&(PbF)
www.irf.com
9
0
20
40
60
80
-50
-25
0
25
50
75
100
125
Temperature (oC)
Typ
Max.
Figure 8A. Turn-off Fall Time vs. Temperature
0
20
40
60
80
10
12
14
16
18
20
Supply Voltage (V)
Figure 8B. Turn-off Fall Time vs. Supply Voltage
Typ.
Max.
100
300
500
700
900
1100
-50
-25
0
25
50
75
100
125
Temperature (oC)
Min.
Figure 9A. Deadtime vs. Temperature
Typ.
Max.
100
300
500
700
900
1100
10
12
14
16
18
20
Supply Voltage (v)
Figure 9B. Deadtime vs. Supply Voltage
Typ.
Max.
Min.


Similar Part No. - IR21844SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21844SPBF IRF-IR21844SPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
More results

Similar Description - IR21844SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com