Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55-C6V8 Datasheet(PDF) 1 Page - First Components International

Part # ZMM55-C6V8
Description  1/2 Watt ZENER DIODES (2.28V to 50V) WIDE VOLTAGE RANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

ZMM55-C6V8 Datasheet(HTML) 1 Page - First Components International

  ZMM55-C6V8 Datasheet HTML 1Page - First Components International ZMM55-C6V8 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n 1,2,5, & 20% VOLTAGE
TOLERANCES AVAILABLE
Mechanical Dimensions
n WIDE VOLTAGE RANGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
ZMM55C-SERIES
Data Sheet
½Watt
ZENER DIODES (2.28V to 50V)
Units
DC Power Dissipation with T
L = > = 75
...P
D
Lead Length = .375 Inches
Derate Above 50
Operating & Storage Temperature Range...T
J, TSTRG
°C
°C
............................................. 500 ...............................................
............................................. 4 ...............................................
mW
mW /°C
°C
......................................... -65 to 100 ..........................................
Steady State Power Derating
Lead Temperature (°°°°°C)
Temperature Coefficients vs. Voltage
Zener Voltage (V)
Typical Junction Capacitance
Zener Voltage (V)
50% Vz Bias
0 V Bias
1 V Bias
Zener Current vs. Zener Voltage
Zener Voltage (V)
DO-213AA
(Mini-MELF)


Similar Part No. - ZMM55-C6V8

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM55-C6V8 JGD-ZMM55-C6V8 Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
Pan Jit International I...
ZMM55-C6V8 PANJIT-ZMM55-C6V8 Datasheet
103Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Galaxy Semi-Conductor H...
ZMM55-C6V8 BILIN-ZMM55-C6V8 Datasheet
192Kb / 2P
   ZENER DIODES
logo
Diotech Company.
ZMM55-C6V8 DIOTECH-ZMM55-C6V8 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
ZMM55-C6V8 PANJIT-ZMM55-C6V8 Datasheet
99Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - ZMM55-C6V8

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
1N5226A FCI-1N5226A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230A FCI-1N5230A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com