Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5234 Datasheet(PDF) 2 Page - First Components International

Part # ZMM5234
Description  500 mWatts Glass Pack Surface Mount Zener Diode WIDE VOLTAGE RANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

ZMM5234 Datasheet(HTML) 2 Page - First Components International

  ZMM5234 Datasheet HTML 1Page - First Components International ZMM5234 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nominal
Test
Maximum
Test
Maximum Zener
Zener Voltage
Current
ZzT at Izt
Zzk at Izk
Reverse Current
Voltage
Voltage Temp.
Package
FCI
@ Izt
Izt (mA)
Izk=0.25mA
@ Vr
Vr (V)
Coeff.
Part #
Vz (V)
(Ω)
(Ω)
Ir (uA)
avz (%/C)
ZMM5221
2.4
20
30
1200
100
1.0
-0.085
191.0
ZMM5222
2.5
20
30
1250
100
1.0
-0.085
182.0
ZMM5223
2.7
20
30
1300
75
1.0
-0.080
168.0
ZMM5224
2.8
20
30
1400
75
1.0
-0.080
162.0
ZMM5225
3.0
20
29
1600
50
1.0
-0.075
151.0
ZMM5226
3.3
20
28
1600
25
1.0
-0.070
138.0
ZMM5227
3.6
20
24
1700
15
1.0
-0.065
126.0
ZMM5228
3.9
20
23
1900
10
1.0
-0.060
115.0
ZMM5229
4.3
20
22
2000
5.0
1.0
+/- 0.055
106.0
ZMM5230
4.7
20
19
1900
5.0
2.0
+/- 0.03
97.0
ZMM5231
5.1
20
17
1600
5.0
2.0
+/- 0.03
89.0
ZMM5232
5.6
20
11
1600
5.0
3.0
0.038
81.0
ZMM5233
6.0
20
7.0
1600
5.0
3.5
0.038
76.0
ZMM5234
6.2
20
7.0
1000
5.0
4.0
0.045
73.0
ZMM5235
6.8
20
5.0
750
5.0
5.0
0.050
67.0
ZMM5236
7.5
20
6.0
500
3.0
6.0
0.058
61.0
ZMM5237
8.2
20
8.0
500
3.0
6.5
0.062
55.0
ZMM5238
8.7
20
8.0
600
3.0
6.5
0.065
52.0
ZMM5239
9.1
20
10
600
3.0
7.0
0.068
50.0
ZMM5240
10
20
17
600
3.0
8.0
0.075
45.0
ZMM5241
11
20
22
600
2.0
8.4
0.076
41.0
ZMM5242
12
20
30
600
1.0
9.1
0.077
38.0
ZMM5243
13
9.5
13
600
0.5
9.9
0.079
35.0
ZMM5244
14
9.0
15
600
0.1
10
0.082
32.0
ZMM5245
15
8.5
16
600
0.1
11
0.082
30.0
ZMM5246
16
7.8
17
600
0.1
12
0.083
28.0
ZMM5247
17
7.4
19
600
0.1
13
0.084
27.0
ZMM5248
18
7.0
21
600
0.1
14
0.085
25.0
ZMM5249
19
6.6
23
600
0.1
15
0.086
24.0
ZMM5250
20
6.2
25
600
0.1
16
0.086
23.0
ZMM5251
22
5.6
29
600
0.1
17
0.087
21.2
ZMM5252
24
5.2
33
600
0.1
18
0.088
19.1
ZMM5253
25
5.0
35
600
0.1
19
0.089
18.2
ZMM5254
27
4.6
41
600
0.1
21
0.090
16.8
ZMM5255
28
4.5
44
600
0.1
21
0.091
16.2
ZMM5256
30
4.2
49
600
0.1
23
0.091
15.1
ZMM5257
33
3.8
58
700
0.1
25
0.092
13.8
ZMM5258
36
3.4
70
700
0.1
27
0.093
12.6
ZMM5259
39
3.2
80
800
0.1
30
0.094
11.5
ZMM5260
43
3.0
93
900
0.1
33
0.095
10.6
ZMM5261
47
2.7
105
1000
0.1
36
0.095
9.7
Zener Diodes
1/2 Watt
MIN MELF
(GLASS)
For 3%,5%,10%,20% on Zener Voltage, Specify Suffix A,B,C,D
Maximum Zener Impedance
Max.
Regulator
Current
IzM(mA)
Data Sheet
500 mWatts Glass Pack
Surface Mount Zener Diode


Similar Part No. - ZMM5234

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM5234 SEMTECH-ZMM5234 Datasheet
402Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM5234 GE-ZMM5234 Datasheet
75Kb / 3P
   ZENER DIODES
logo
GOOD-ARK Electronics
ZMM5234 GOOD-ARK-ZMM5234 Datasheet
34Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
ZMM5234 DAESAN-ZMM5234 Datasheet
414Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
ZMM5234 DAYA-ZMM5234 Datasheet
366Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM5234

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
UDZS3V6B RECTRON-UDZS3V6B Datasheet
213Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com