Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55-C3V3 Datasheet(PDF) 2 Page - First Components International

Part # ZMM55-C3V3
Description  1/2 Watt ZENER DIODES (2.28V to 50V) WIDE VOLTAGE RANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

ZMM55-C3V3 Datasheet(HTML) 2 Page - First Components International

  ZMM55-C3V3 Datasheet HTML 1Page - First Components International ZMM55-C3V3 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
½Watt
ZENER DIODES (2.28V to 50V)
°C
NOTES: 1. For 1.0% Tolerance, Specify Suffix ‘‘A’’. For 2%
Suffix ‘‘B’’, For 5% Suffix "C", and For 20% Suffix "D".
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Nominal
Zener
Voltage*
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
% /oC
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK = 1mA
(Ω)
Part #
I
R (µA)
V
R (V)
Typical
Temperature
Coefficient
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.1V Max. @ IF = 200mA
°C
Electrical Characteristics @ 25OC.
ZMM55-C2V4
ZMM55-C2V7
ZMM55-C3V0
ZMM55-C3V3
ZMM55-C3V6
ZMM55-C3V9
ZMM55-C4V3
ZMM55-C4V7
ZMM55-C5V1
ZMM55-C5V6
ZMM55-C6V2
ZMM55-C6V8
ZMM55-C7V5
ZMM55-C8V2
ZMM55-C9V1
ZMM55-C10
ZMM55-C11
ZMM55-C12
ZMM55-C13
ZMM55-C15
ZMM55-C16
ZMM55-C18
ZMM55-C20
ZMM55-C22
ZMM55-C24
ZMM55-C27
ZMM55-C30
ZMM55-C33
ZMM55-C36
ZMM55-C39
ZMM55-C43
ZMM55-C47
2.28-2.56
2.5-2.9
2.8-3.2
3.1-3.5
3.4-3.8
3.7-4.1
4.0-4.6
4.4-5.0
4.8-5.4
5.2-6.0
5.8-6.6
6.4-7.2
7.0-7.9
7.7-8.7
8.5-9.6
9.4-10.6
10.4-11.6
11.4-12.7
12.4-14.1
13.8-15.6
15.3-17.1
16.8-19.1
18.8-21.2
20.8-23.3
22.8-25.6
25.1-28.9
28-32
31-35
34-38
37-41
40-46
44-50
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.5
2.5
2.5
85
85
85
85
85
85
75
60
35
25
10
8
7
7
10
15
20
20
26
30
40
50
55
55
80
80
80
80
80
90
90
110
600
600
600
600
600
600
600
600
550
450
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
220
220
220
220
500
600
700
50
10
4
2
2
2
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2
3
5
6
7
7.5
8.5
9
10
11
12
14
15
17
18
20
22
24
27
30
33
36
-0.070
-0.070
-0.070
-0.065
-0.060
-0.050
-0.025
-0.010
+0.015
+0.025
+0.035
+0.045
+0.050
+0.050
+0.060
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.080
+0.080
+0.080
+0.080
+0.080
+0.080
+0.080
+0.080
Max. Regulator
Current
IIIII
ZZZZZ M(ma)
M(ma)
M(ma)
M(ma)
M(ma)
150
135
125
115
105
95
90
85
80
70
64
58
53
47
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
10
9.2
8.5
1. Standard Zener Diode 500mw VZ tolerance = +/- 5%
2. Measured with pulses tp = 20mS.


Similar Part No. - ZMM55-C3V3

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM55-C3V3 JGD-ZMM55-C3V3 Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
Pan Jit International I...
ZMM55-C3V3 PANJIT-ZMM55-C3V3 Datasheet
103Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Galaxy Semi-Conductor H...
ZMM55-C3V3 BILIN-ZMM55-C3V3 Datasheet
192Kb / 2P
   ZENER DIODES
logo
Diotech Company.
ZMM55-C3V3 DIOTECH-ZMM55-C3V3 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
ZMM55-C3V3 PANJIT-ZMM55-C3V3 Datasheet
99Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - ZMM55-C3V3

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
1N5226A FCI-1N5226A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230A FCI-1N5230A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com