Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT258S-800R118 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BT258S-800R118
Description  Thyristors logic level
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT258S-800R118 Datasheet(HTML) 5 Page - NXP Semiconductors

  BT258S-800R118 Datasheet HTML 1Page - NXP Semiconductors BT258S-800R118 Datasheet HTML 2Page - NXP Semiconductors BT258S-800R118 Datasheet HTML 3Page - NXP Semiconductors BT258S-800R118 Datasheet HTML 4Page - NXP Semiconductors BT258S-800R118 Datasheet HTML 5Page - NXP Semiconductors BT258S-800R118 Datasheet HTML 6Page - NXP Semiconductors BT258S-800R118 Datasheet HTML 7Page - NXP Semiconductors BT258S-800R118 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NXP Semiconductors
Product specification
Thyristors
BT258S-800R
logic level
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-mb, versus
pulse width t
p.
Fig.12. Typical, critical rate of rise of off-state voltage,
dV
D/dt versus junction temperature Tj.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
Tj / C
IGT(Tj)
IGT(25 C)
0
0.5
1
1.5
2
0
10
20
30
typ
VT / V
IT / A
max
Vo = 1 V
Rs = 0.04 Ω
Tj = 125 °C
Tj = 25 °C
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BT150
Tj / C
IL(Tj)
IL(25 C)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
0.01
0.1
1
10
tp / s
Zth j-mb (K/W)
t
p
P
t
D
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
Tj / C
IH(Tj)
IH(25 C)
0
50
100
150
1
10
100
1000
Tj / C
dVD/dt (V/us)
RGK = 100 ohms
October 2002
4
Rev 2.000


Similar Part No. - BT258S-800R118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
   Thyristors logic level
October 2002-Rev 2.000
logo
WeEn Semiconductors
BT258S-800R WEEN-BT258S-800R Datasheet
269Kb / 12P
   Logic level thyristor
logo
Inchange Semiconductor ...
BT258S-800R ISC-BT258S-800R Datasheet
268Kb / 2P
   isc Thyristors
More results

Similar Description - BT258S-800R118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
   Thyristors logic level
October 2002-Rev 2.000
BT148W PHILIPS-BT148W Datasheet
53Kb / 7P
   Thyristors logic level
October 1997 Rev 1.300
BT150S PHILIPS-BT150S Datasheet
49Kb / 6P
   Thyristors logic level
October 1997 Rev 1.100
logo
Guangdong Kexin Industr...
BT169DW KEXIN-BT169DW Datasheet
79Kb / 2P
   Thyristors logic level
logo
Tiger Electronic Co.,Lt...
C106M TGS-C106M Datasheet
57Kb / 1P
   Thyristors logic level
BT169D TGS-BT169D Datasheet
152Kb / 1P
   Thyristors logic level
logo
NXP Semiconductors
BT169 PHILIPS-BT169 Datasheet
67Kb / 12P
   Thyristors logic level
Rev. 04-23 August 2004
BT148 PHILIPS-BT148 Datasheet
43Kb / 6P
   Thyristors logic level
October 1997 Rev 1.300
BT149 PHILIPS-BT149 Datasheet
42Kb / 6P
   Thyristors logic level
September 1997 Rev 1.200
BT258 PHILIPS-BT258 Datasheet
44Kb / 6P
   Thyristors logic level
October 1997 Rev 1.200
BT258U PHILIPS-BT258U Datasheet
51Kb / 6P
   Thyristors logic level
March 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com