Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFF10C60G Datasheet(PDF) 1 Page - First Components International

Part # VFF10C60G
Description  10Amps Glass Passivated Full Package Ultra Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

VFF10C60G Datasheet(HTML) 1 Page - First Components International

  VFF10C60G Datasheet HTML 1Page - First Components International VFF10C60G Datasheet HTML 2Page - First Components International VFF10C60G Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ITO-220AB
DIMENSION IN MM
FEATURES
MECHANICAK DATA
High Current Capability
Meets UL Specification 94V-0
High Surge CURRENT CAPABILITY
HIGH TEMPERATURE SOLDERING QUARANTEE
HIGH RELIABILITY
250℃/10SEC
LOW FORWARD VOLTAGE DROP
Suffix A mean Common Anode
Suffix C mean Common Cathode
Suffix D mean Double Connect Type
Maximum Ratings And Electrical Characteristics (Ta=25℃)
VFF10CXXG
Parameters
Symbol
05
10
20
30
40
50
60
70
Max Average forward current, at Tc =100℃
IF
10A
Max Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
500
600 800
Max RMS Voltage
V RMS
35
70
140
210
280
350
420 560
DC Blacking Voltage
VDC
50
100
200
300
400
500
600 800
Forward Voltage @IF= 5.0A
VF
1.0V
1.3V
1.70V
Non-Peak Forward Surge Current, @Rated
Load Conditions 8.3mS 1/2 Sine-Wave
IFMS
125A
Max reverse recovery Time (Note 1)
Trr
50ns
75ns
Max. Reverse Current IR At Rated DC
Reverse Voltage. Tc =25/125℃
IR
5uA
150uA
Typical thermal Resistance,
RθJC
4.0℃/W
Typical junction capacitance (note 2)
Cj
80pF
60pF
Operating and Storage Temperature Range
To/Ts
-65 to +150℃
Note 1: Reverse Recovery Test conditions: If=0.5A, IR=1.0A, Irr=0.25A
Note 2: measured at 1 MHz and Applied reverse voltage of 4.0V D.C.
10
Amps Glass Passivated
Full Package Ultra Rectifiers
Description
Dechanical Dimensions
Datasheet


Similar Part No. - VFF10C60G

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VFFG-T-F4-10 FESTO-VFFG-T-F4-10 Datasheet
86Kb / 1P
   Fixed flow restrictor
8/7/22
VFFG-T-F4-12 FESTO-VFFG-T-F4-12 Datasheet
86Kb / 1P
   Fixed flow restrictor
8/7/22
VFFG-T-F4-15 FESTO-VFFG-T-F4-15 Datasheet
87Kb / 1P
   Fixed flow restrictor
8/7/22
VFFG-T-F4-5 FESTO-VFFG-T-F4-5 Datasheet
86Kb / 1P
   Fixed flow restrictor
8/7/22
VFFG-T-F4-6 FESTO-VFFG-T-F4-6 Datasheet
86Kb / 1P
   Fixed flow restrictor
8/7/22
More results

Similar Description - VFF10C60G

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
UF1001G CTC-UF1001G Datasheet
38Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF1001G CTC-UF1001G_15 Datasheet
54Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Lite-On Technology Corp...
UG1007 LITEON-UG1007 Datasheet
35Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
UF3001G CTC-UF3001G Datasheet
38Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
UF3001EG HY-UF3001EG Datasheet
433Kb / 3P
   Ultra Fast Glass Passivated Rectifiers
MUR405EG HY-MUR405EG_V01 Datasheet
415Kb / 3P
   Ultra Fast Glass Passivated Rectifiers
logo
Compact Technology Corp...
UF2001G CTC-UF2001G_15 Datasheet
53Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
GUS5A CTC-GUS5A Datasheet
203Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
MUR405EG HY-MUR405EG_17 Datasheet
137Kb / 3P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
UF3001G CTC-UF3001G_15 Datasheet
54Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com