Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFP20C Datasheet(PDF) 2 Page - First Components International

Part # UFP20C
Description  60 Amp Dual Super Fast Power Rectifiers Outline Free Pb
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UFP20C Datasheet(HTML) 2 Page - First Components International

  UFP20C Datasheet HTML 1Page - First Components International UFP20C Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - UFP20C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
   23A, 250V N-CHANNEL POWER MOSFET
UFP254G-TF2-T UTC-UFP254G-TF2-T Datasheet
132Kb / 3P
   23A, 250V N-CHANNEL POWER MOSFET
UFP254L-TF2-T UTC-UFP254L-TF2-T Datasheet
132Kb / 3P
   23A, 250V N-CHANNEL POWER MOSFET
UFP264 UTC-UFP264 Datasheet
192Kb / 3P
   38A, 250V N-CHANNEL POWER MOSFET
UFP264G-T47-T UTC-UFP264G-T47-T Datasheet
192Kb / 3P
   38A, 250V N-CHANNEL POWER MOSFET
More results

Similar Description - UFP20C

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SS120 FCI-SS120 Datasheet
111Kb / 2P
   1.0 Amp SCHOTTKY BARRIER RECTIFIERS Outline Free Pb
logo
Bytes
SF161 BYTES-SF161 Datasheet
167Kb / 2P
   16.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF61 UNIOHM-SF61 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF21 FORMOSA-SF21 Datasheet
36Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF21 GWSEMI-SF21 Datasheet
71Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF101 GWSEMI-SF101 Datasheet
75Kb / 2P
   10.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
   1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com