Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD20N06 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQD20N06
Description  60V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD20N06 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQD20N06 Datasheet HTML 1Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 2Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 3Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 4Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 5Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 6Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 7Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 8Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1. May 2001
Package Dimensions
6.60
±0.20
2.30
±0.10
0.50
±0.10
5.34
±0.30
0.76
±0.10
0.50
±0.10
1.02
±0.20
2.30
±0.20
6.60
±0.20
0.76
±0.10
(5.34)
(1.50)
(2XR0.25)
(5.04)
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
MAX0.96
(4.34)
(0.50)
(0.50)
DPAK


Similar Part No. - FQD20N06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FQD20N06 VBSEMI-FQD20N06 Datasheet
899Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQD20N06 ISC-FQD20N06 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Guangdong Youtai Semico...
FQD20N06 UMW-FQD20N06 Datasheet
903Kb / 6P
   60V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD20N06L FAIRCHILD-FQD20N06L Datasheet
664Kb / 9P
   60V LOGIC N-Channel MOSFET
FQD20N06LE FAIRCHILD-FQD20N06LE Datasheet
656Kb / 9P
   60V LOGIC N-Channel MOSFET
More results

Similar Description - FQD20N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com