Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF141G Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF141G
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF141G Datasheet(HTML) 4 Page - Motorola, Inc

  MRF141G Datasheet HTML 1Page - Motorola, Inc MRF141G Datasheet HTML 2Page - Motorola, Inc MRF141G Datasheet HTML 3Page - Motorola, Inc MRF141G Datasheet HTML 4Page - Motorola, Inc MRF141G Datasheet HTML 5Page - Motorola, Inc MRF141G Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRF141G
4
MOTOROLA RF DEVICE DATA
Figure 4. Common Source Unity Gain Frequency
versus Drain Current
Figure 5. Capacitance versus
Drain–Source Voltage
Figure 6. Power Gain versus Frequency
TYPICAL CHARACTERISTICS
Figure 7. Output Power versus Supply Voltage
2000
0
ID, DRAIN CURRENT (AMPS)
2
4
6
8
10
12
14
16
18
20
0
10
20
515
25
1000
0
2000
200
20
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VDS = 20 V
10 V
NOTE: Data shown applies to each half of MRF141G.
NOTE: Data shown applies to each half of MRF141G.
Coss
Ciss
Crss
30
f, FREQUENCY (MHz)
2
25
20
15
10
5
5
10
30
100
200
VDD = 28 V
IDQ = 2 x 250 mA
Pout = 300 W
400
SUPPLY VOLTAGE (VOLTS)
12
350
300
250
200
150
100
50
0
14
16
18
20
22
24
26
28
Figure 8. Input and Output Impedances
f = 175 MHz
IDQ = 250 mA x 2
Pin = 30 W
20 W
10 W
Zo = 10 Ω
f = 175 MHz
INPUT, Zin
(GATE TO GATE)
30
100
150
125
30
f = 175 MHz
150
125
100
OUTPUT, ZOL*
(DRAIN TO DRAIN)
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.


Similar Part No. - MRF141G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
   RF Power FET 300W, 175MHz, 28V
logo
Advanced Semiconductor
MRF141G ASI-MRF141G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
   RF Power FET 300W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF141G NJSEMI-MRF141G Datasheet
87Kb / 2P
   RF Power Field-Effect Transistor
More results

Similar Description - MRF141G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com