Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF10C60 Datasheet(PDF) 2 Page - First Components International

Part # UF10C60
Description  10 Amp SUPER FAST RECOVERY POWER RECTIFIERS LOW FORWARD VOLTAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UF10C60 Datasheet(HTML) 2 Page - First Components International

  UF10C60 Datasheet HTML 1Page - First Components International UF10C60 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
6
4
2
025 50 75 100
150
125
175
Ambient Temperature (°°°°°C)
8
10
12
Reverse Voltage (V)
Typical Junction Capacitance
Non-Repetitive
Peak Forward Surge Current
Number of Cycles @ 60 Hz
200
100
10
10
100
Reverse Recovery
Characteristics
Typical Instantaneous
Forward Characteristics
Oscilliscope
Note 1
Pulse
Generator
Note 2
(-)
(+)
Notes:
1. Rise Time = 7 ns Max.
Impedance = 1 megohm, 22 pF
2. Rise Time = 10 ns Max.
Source Impedance = 50 Ohms
Time Base Set @ 50/100ns/cm
+.5A
0A
-.25A
-1.0A
1 cm
1
Typical Reverse Characteristics
t
RR
Forward Voltage (V)
50Ω
(-)
(+)
25 VDC
Non-Inductive
1 Ω
Non-
Inductive
D.U.T 10Ω
UF10C.20
UF10C 40
UF10C.20
UF10C 40
UF10C60
UF10C.20
UF10C40..60
Reverse Voltage (V)
UF10C060
10 Amp SUPER FAST RECOVERY
POWER RECTIFIERS


Similar Part No. - UF10C60

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
UF10C60A THINKISEMI-UF10C60A Datasheet
266Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
UF10C60C THINKISEMI-UF10C60C Datasheet
263Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
UF10C60D THINKISEMI-UF10C60D Datasheet
264Kb / 2P
   10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UF10C60S THINKISEMI-UF10C60S Datasheet
265Kb / 2P
   10.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
More results

Similar Description - UF10C60

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR16C05 FCI-FR16C05 Datasheet
610Kb / 2P
   16 Amp Fast Recovery Power Rectifiers Low Forward Voltage Drop
SFF1000 FCI-SFF1000 Datasheet
2Mb / 2P
   10 AMP SUPER FAST RECOVERY ISOLATION POWER RECTIFIERS
SF51 FCI-SF51 Datasheet
4Mb / 2P
   5.0 Amp SUPER FAST PLASTIC RECTIFIERS Low forward voltage drop
HER201 FCI-HER201 Datasheet
2Mb / 2P
   2.0 Amp SUPER FAST PLASTIC RECTIFIERS LOW FORWARD VOLTAGE DROP
HER108 FCI-HER108 Datasheet
131Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS LOW FORWARD VOLTAGE DROP
logo
SeCoS Halbleitertechnol...
SF10L60U SECOS-SF10L60U Datasheet
402Kb / 2P
   10 AMP Low Loss Super Fast Rectifiers
SF10T60F SECOS-SF10T60F Datasheet
224Kb / 2P
   10 Amp Super Fast Recovery Rectifier
SF10T60 SECOS-SF10T60 Datasheet
226Kb / 2P
   10 Amp Super Fast Recovery Rectifier
SUF301C SECOS-SUF301C_15 Datasheet
374Kb / 2P
   3.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF101JD SECOS-SUF101JD Datasheet
227Kb / 2P
   Voltage 50V ~ 600V, 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com