Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431ACLT1 Datasheet(PDF) 3 Page - First Components International

Part # TL431ACLT1
Description  Programmable Precision Reference Sink Current Capability of 1.0 to 100mA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431ACLT1 Datasheet(HTML) 3 Page - First Components International

  TL431ACLT1 Datasheet HTML 1Page - First Components International TL431ACLT1 Datasheet HTML 2Page - First Components International TL431ACLT1 Datasheet HTML 3Page - First Components International TL431ACLT1 Datasheet HTML 4Page - First Components International TL431ACLT1 Datasheet HTML 5Page - First Components International TL431ACLT1 Datasheet HTML 6Page - First Components International TL431ACLT1 Datasheet HTML 7Page - First Components International TL431ACLT1 Datasheet HTML 8Page - First Components International TL431ACLT1 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
2001-05-A
TL431 Programmable Precision Reference
Total Power Dissipation @TC=25℃
Derate above 25℃ Case Temperature
T,D Suffix Package
1.5
W
P Suffix Package
3.0
H Suffix Package
LT1 Suffix Package
PD
THERMAL CHARACTERISTICS
Characteristics
Symbol
T,D
Suffix
P
Suffix
H
Suffix
LT1
Suffix
Unit
Thermal Resistance, Junction to Ambient
RθJA
178
114
110
575
℃/W
Thermal Resistance, Junction to Case
RθJC
83
41
8
150
℃/W
RECOMMENDED OPERATING CONDITIONS
Condition/Value
Symbol
Min
Max
Unit
Cathode to Anode Voltage
VKA
Vref
36
V
Cathode Current
IK
1.0
100
mA
ELECTRICAL CHARACTERISTICS(Ambient temperature at 25℃ unless otherwise noted)
TL431
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Input Voltage (Fig 1)
VKA=Vref , IK=10mA
TA=+25℃ Tolerance 0.5%
1%
2%
Vref
2.483
2.470
2.445
2.495
2.507
2.520
2.55
TA=Tlow to Thigh (Note 1)
2.453
--
2.537
V
Reference Input Voltage Deviation Over
Temperature Range (Fig 1, Note 1,2)
VKA=Vref . IK=10mA
ΔVref
--
3.0
17
mV
--
-1.4
-2.7
Ratio of Change in Reference Input Voltage
To Change in Cathode to Anode Voltage
IK=10mA (Figure 2), ΔVKA=10V to Vref
ΔVKA=36V to 10V
KA
ref
V
V
--
-1.0
-2.0
mV/V


Similar Part No. - TL431ACLT1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL431ACL3T STMICROELECTRONICS-TL431ACL3T Datasheet
939Kb / 21P
   Programmable voltage reference
TL431ACL5T STMICROELECTRONICS-TL431ACL5T Datasheet
939Kb / 21P
   Programmable voltage reference
logo
Texas Instruments
TL431ACLP TI-TL431ACLP Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431ACLP TI1-TL431ACLP Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
logo
Microsemi Corporation
TL431ACLP MICROSEMI-TL431ACLP Datasheet
270Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

Similar Description - TL431ACLT1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com