Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD1N50 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQD1N50
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD1N50 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD1N50 Datasheet HTML 1Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 2Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 3Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 4Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 5Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 6Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 7Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 8Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
  

 
QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
    
         "  "   
"

$ % %&'(()*+, (Ω-)+%()
$ . / 0 (1
$ ./ 2 (1
$  
$ %((3! 
$ 4!!5 " 
  
    
   




)
 ) 
'((
)
4

/+6'71
% %
&
/+%((71
( 8
&
4
 9 
 
0 0
&
)
: ) 
±2(
)
;
 9 &! ;
 
<(
=
4
&! 
 
% %
&
;
*!&! ;
 
6 '
=
!5
9>* !!5
 
0 '
)5
9
9/+6'71?
6 '
@
9/+6'71
6'
@
"!6'7
( 6
@57
 
*
''A%'(
7

B  
%5< ' 
2((
7





*θ 
 * = 

' (
7@
 * = &"?

'(
7@
 * = &"

%%(
7@
       
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"















Similar Part No. - FQD1N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQD1N50B FAIRCHILD-FQD1N50B Datasheet
606Kb / 9P
   500V N-Channel MOSFET
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FQD1N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com