Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU18N20V2 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQU18N20V2
Description  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU18N20V2 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQU18N20V2 Datasheet HTML 1Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 2Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 3Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 4Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 5Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 6Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 7Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 8Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
No t e s :
1 . Z
θ
JC ( t )
= 1. 5 ℃ /W
M a x .
2 . D u ty F a c t o r , D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
θ
JC
(t )
s i ng l e pu l s e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 ,
S quar e W a v e P u l s e D u r a t i on [ s ec ]
25
50
75
100
125
150
0
5
10
15
20
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100 us
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
Typical Characteristics
(Continued)
Figure 11. Transient Thermal Response Curve
t1
PDM
t2
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS
= 10 V
2. I
D = 7.5 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
o
C]
Figure 9. Maximum Safe Operating Area
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 10. Maximum Drain Current
vs. Case Temperature


Similar Part No. - FQU18N20V2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU18N20V2 FAIRCHILD-FQU18N20V2 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQU18N20V2 FAIRCHILD-FQU18N20V2 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
logo
Inchange Semiconductor ...
FQU18N20V2 ISC-FQU18N20V2 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQU18N20V2 FAIRCHILD-FQU18N20V2_09 Datasheet
754Kb / 9P
   200V N-Channel MOSFET
More results

Similar Description - FQU18N20V2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com