Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU18N20V2 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQU18N20V2
Description  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU18N20V2 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQU18N20V2 Datasheet HTML 1Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 2Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 3Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 4Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 5Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 6Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 7Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 8Page - Fairchild Semiconductor FQU18N20V2 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
Typical Characteristics
0
5
10
15
20
25
0
2
4
6
8
10
12
V
DS = 100V
V
DS
= 40V
V
DS
= 160V
※ Note : I
D = 18A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss
= C
ds
+ C
gd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
25℃
150℃
※ Notes :
1. V
GS
= 0V
2. 250μ s Pulse Test
V
SD , Source-Drain Voltage [V]
0
10
20304050
60
0.0
0.1
0.2
0.3
0.4
0.5
V
GS = 20V
V
GS = 10V
※ Note : T
J
= 25℃
I
D, Drain Current [A]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom :
5.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
45
678
9
10
10
-1
10
0
10
1
※Notes :
1. V
DS = 40V
2. 250μ s Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]


Similar Part No. - FQU18N20V2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU18N20V2 FAIRCHILD-FQU18N20V2 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQU18N20V2 FAIRCHILD-FQU18N20V2 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
logo
Inchange Semiconductor ...
FQU18N20V2 ISC-FQU18N20V2 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQU18N20V2 FAIRCHILD-FQU18N20V2_09 Datasheet
754Kb / 9P
   200V N-Channel MOSFET
More results

Similar Description - FQU18N20V2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com