Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3019SJANTX Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3019SJANTX
Description  Low Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3019SJANTX Datasheet(HTML) 1 Page - ON Semiconductor

  2N3019SJANTX Datasheet HTML 1Page - ON Semiconductor 2N3019SJANTX Datasheet HTML 2Page - ON Semiconductor 2N3019SJANTX Datasheet HTML 3Page - ON Semiconductor 2N3019SJANTX Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2012
August, 2012 − Rev. 2
1
Publication Order Number:
2N3019/D
2N3019, 2N3019S, 2N3700
Low Power Transistors
NPN Silicon
Features
MIL−PRF−19500/391Qualified
Available as JAN, JANTX, and JANTXV
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
80
Vdc
Collector−Base Voltage
VCBO
140
Vdc
Emitter−Base Voltage
VEBO
7.0
Vdc
Collector Current − Continuous
IC
1.0
Adc
Total Device Dissipation @ TA = 25°C
2N3019, 2N3019S
2N3700
PT
800
500
mW
Total Device Dissipation @ TC = 25°C
2N3019, 2N3019S
2N3700
PT
5.0
1.0
W
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to
+200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
2N3019, 2N3019S
2N3700
RqJA
195
325
°C/W
Thermal Resistance, Junction to Case
2N3019, 2N3019S
2N3700
RqJC
30
150
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
http://onsemi.com
COLLECTOR
3
2
BASE
1
EMITTER
TO−5
CASE 205AA
STYLE 1
2N3019
Device
Package
Shipping
ORDERING INFORMATION
JAN2N3019
JANTX2N3019
TO−5
Bulk
JANTXV2N3019
JAN2N3019S
JANTX2N3019S
TO−39
Bulk
JANTXV2N3019S
TO−39
CASE 205AB
STYLE 1
2N3019S
TO−18
CASE 206AA
STYLE 1
2N3700
JAN2N3700
JANTX2N3700
TO−18
Bulk
JANTXV2N3700


Similar Part No. - 2N3019SJANTX

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3019S SEMICOA-2N3019S Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
2N3019S SEMICOA-2N3019S Datasheet
45Kb / 2P
   Type 2N3019S Geometry 4500 Polarity NPN
logo
Microsemi Corporation
2N3019S MICROSEMI-2N3019S Datasheet
71Kb / 2P
   LOW POWER NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N3019S SEMICOA-2N3019S Datasheet
200Kb / 2P
   Silicon NPN Transistor
logo
ON Semiconductor
2N3019S ONSEMI-2N3019S Datasheet
91Kb / 3P
   Low Power Transistor
July, 2011 ??Rev. 0
More results

Similar Description - 2N3019SJANTX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3637 ONSEMI-2N3637 Datasheet
81Kb / 6P
   Low Power Transistors
November, 2013 ??Rev. 1
logo
List of Unclassifed Man...
672-3866A ETC-672-3866A Datasheet
363Kb / 5P
   RF & MICROWAVE TRANSISTORS LOW POWER TRANSISTORS
T2N4401 ETC2-T2N4401 Datasheet
254Kb / 7P
   Low Power Bipolar Transistors
logo
STMicroelectronics
MJD360T4-A STMICROELECTRONICS-MJD360T4-A Datasheet
92Kb / 7P
   Low voltage complementary power transistors
logo
American Microsemicondu...
2N5163 AMMSEMI-2N5163 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235_09 Datasheet
232Kb / 9P
   Low voltage NPN power transistors
logo
American Microsemicondu...
2N4224 AMMSEMI-2N4224 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5362 AMMSEMI-2N5362 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5457 AMMSEMI-2N5457 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N4221 AMMSEMI-2N4221 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com