Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF141 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MRF141
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF141 Datasheet(HTML) 8 Page - Motorola, Inc

  MRF141 Datasheet HTML 1Page - Motorola, Inc MRF141 Datasheet HTML 2Page - Motorola, Inc MRF141 Datasheet HTML 3Page - Motorola, Inc MRF141 Datasheet HTML 4Page - Motorola, Inc MRF141 Datasheet HTML 5Page - Motorola, Inc MRF141 Datasheet HTML 6Page - Motorola, Inc MRF141 Datasheet HTML 7Page - Motorola, Inc MRF141 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MRF141
8
MOTOROLA RF DEVICE DATA
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MRF141/D


Similar Part No. - MRF141

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Semiconductor
MRF141 ASI-MRF141 Datasheet
50Kb / 4P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
   RF Power FET 150W, to 175MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
   RF Power FET 150W, to 175MHz, 28V
logo
Motorola, Inc
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results

Similar Description - MRF141

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com