Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV1212AMSAX-NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # DS92LV1212AMSAX-NOPB
Description  DS92LV1212A 16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV1212AMSAX-NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS92LV1212AMSAX-NOPB Datasheet HTML 3Page - Texas Instruments DS92LV1212AMSAX-NOPB Datasheet HTML 4Page - Texas Instruments DS92LV1212AMSAX-NOPB Datasheet HTML 5Page - Texas Instruments DS92LV1212AMSAX-NOPB Datasheet HTML 6Page - Texas Instruments DS92LV1212AMSAX-NOPB Datasheet HTML 7Page - Texas Instruments DS92LV1212AMSAX-NOPB Datasheet HTML 8Page - Texas Instruments DS92LV1212AMSAX-NOPB Datasheet HTML 9Page - Texas Instruments DS92LV1212AMSAX-NOPB Datasheet HTML 10Page - Texas Instruments DS92LV1212AMSAX-NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
t
RCP
Receiver out Clock
Period
Figure 3
t
RCP =tTCP
RCLK
25
62.5
ns
t
CLH
CMOS/TTL Low-to-High
Transition Time
CL=15pF
Figure 2
Rout(0-9),
1.2
4
ns
t
CHL
CMOS/TTL High-to-Low
Transition Time
LOCK, RCLK
1.1
4
ns
t
DD
Deserializer Delay
Figure 4
All Temp./All Freq. 1.75*t
RCP+ 1.25
1.75*t
RCP+3.75
1.75*t
RCP+6.25
ns
Room Temp
3.3V/40MHz
1.75*t
RCP+ 2.25
1.75*t
RCP+3.75
1.75*t
RCP+5.25
t
ROS
ROUT (0-9) Setup Data to
RCLK
Figure 5
RCLK
0.4*t
RCP
0.5*t
RCP
ns
t
ROH
ROUT (0-9) Hold Data to
RCLK
−0.4*t
RCP
−0.5*t
RCP
ns
t
RDC
RCLK Duty Cycle
45
50
55
%
t
HZR
HIGH to TRI-STATE Delay
Figure 6
Rout(0-9),
LOCK
4.2+0.5*t
RCP
10+t
RCP
ns
t
LZR
LOW to TRI-STATE Delay
4.5+0.5*t
RCP
10+t
RCP
ns
t
ZHR
TRI-STATE to HIGH Delay
6+0.5*t
RCP
12+t
RCP
ns
t
ZLR
TRI-STATE to LOW Delay
6.0+0.5*t
RCP
12+t
RCP
ns
t
DSR1
Deserializer PLL Lock Time
from PWRDWN (with
SYNCPAT)
Figure 7
Figure 8
(Note 4)
16MHz
410
µs
40MHz
1.31
3
µs
t
DSR2
Deserializer PLL Lock time
from SYNCPAT
16MHz
1.2
5
µs
40MHz
0.47
1
µs
t
ZHLK
TRI-STATE to HIGH Delay
(Power-up)
LOCK
4.62
12
ns
t
RNM
Deserializer Noise Margin
Figure 9
(Note 5)
16 MHz
900
1100
ps
40 MHz
450
730
ps
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground except VOD,
∆VOD, VTH
and VTL which are differential voltages.
Note 4: For the purpose of specifying Deserializer PLL performance tDSR1 and tDSR2 are specified with the REFCLK running and stable, and specific conditions
of the incoming data stream (SYNCPATs). It is recommended that the Deserializer be initialized using either tDSR1 timing or tDSR2 timing. tDSR1 is the time required
for the Deserializer to indicate lock upon power-up or when leaving the power-down mode. Synchronization patterns should be sent to the device before initiating
either condition. tDSR2 is the time required to indicate lock for the powered-up and enabled Deserializer when the input (RI+ and RI-) conditions change from not
receiving data to receiving synchronization patterns (SYNCPATs).
Note 5: tRNM is a measure of how much phase noise (jitter) the Deserializer can tolerate in the incoming data stream before bit errors occur.
www.national.com
6


Similar Part No. - DS92LV1212AMSAX-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1212AMSAX TI-DS92LV1212AMSAX Datasheet
411Kb / 17P
[Old version datasheet]   The DS92LV 1212A is an upgrade of the DS92LV1212.
DS92LV1212AMSAX TI1-DS92LV1212AMSAX Datasheet
375Kb / 17P
[Old version datasheet]   DS92LV1212A 16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1212AMSAX/NOPB TI-DS92LV1212AMSAX/NOPB Datasheet
411Kb / 17P
[Old version datasheet]   The DS92LV 1212A is an upgrade of the DS92LV1212.
DS92LV1212AMSAX/NOPB TI1-DS92LV1212AMSAX/NOPB Datasheet
375Kb / 17P
[Old version datasheet]   DS92LV1212A 16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
More results

Similar Description - DS92LV1212AMSAX-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1212AMSA TI1-DS92LV1212AMSA Datasheet
375Kb / 17P
[Old version datasheet]   DS92LV1212A 16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1212 TI1-DS92LV1212_11 Datasheet
361Kb / 15P
[Old version datasheet]   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
logo
National Semiconductor ...
DS92LV1212 NSC-DS92LV1212 Datasheet
316Kb / 13P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1212A NSC-DS92LV1212A Datasheet
366Kb / 15P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
logo
Texas Instruments
DS92LV1224 TI1-DS92LV1224_15 Datasheet
1Mb / 23P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com