Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C383BMTX-NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # DS90C383BMTX-NOPB
Description  Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C383BMTX-NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90C383BMTX-NOPB Datasheet HTML 7Page - Texas Instruments DS90C383BMTX-NOPB Datasheet HTML 8Page - Texas Instruments DS90C383BMTX-NOPB Datasheet HTML 9Page - Texas Instruments DS90C383BMTX-NOPB Datasheet HTML 10Page - Texas Instruments DS90C383BMTX-NOPB Datasheet HTML 11Page - Texas Instruments DS90C383BMTX-NOPB Datasheet HTML 12Page - Texas Instruments DS90C383BMTX-NOPB Datasheet HTML 13Page - Texas Instruments DS90C383BMTX-NOPB Datasheet HTML 14Page - Texas Instruments DS90C383BMTX-NOPB Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
DS90C383BMT/NOPB
ACTIVE
TSSOP
DGG
56
34
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-10 to 70
DS90C383BMT
DS90C383BMTX/NOPB
ACTIVE
TSSOP
DGG
56
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-10 to 70
DS90C383BMT
DS90CF383BMT/NOPB
ACTIVE
TSSOP
DGG
56
34
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-10 to 70
DS90CF383BMT
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - DS90C383BMTX-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C383BMTX TI-DS90C383BMTX Datasheet
952Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMTX/NOPB TI1-DS90C383BMTX/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results

Similar Description - DS90C383BMTX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383B TI1-DS90C383B_15 Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMT TI-DS90C383BMT Datasheet
952Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com