Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26LV32ATMX Datasheet(PDF) 11 Page - Texas Instruments

Part # DS26LV32ATMX
Description  DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS26LV32ATMX Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS26LV32ATMX Datasheet HTML 7Page - Texas Instruments DS26LV32ATMX Datasheet HTML 8Page - Texas Instruments DS26LV32ATMX Datasheet HTML 9Page - Texas Instruments DS26LV32ATMX Datasheet HTML 10Page - Texas Instruments DS26LV32ATMX Datasheet HTML 11Page - Texas Instruments DS26LV32ATMX Datasheet HTML 12Page - Texas Instruments DS26LV32ATMX Datasheet HTML 13Page - Texas Instruments DS26LV32ATMX Datasheet HTML 14Page - Texas Instruments DS26LV32ATMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
DS26LV32ATM
ACTIVE
SOIC
D
16
48
TBD
Call TI
Call TI
-40 to 85
DS26LV32A
TM
DS26LV32ATM/NOPB
ACTIVE
SOIC
D
16
48
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
DS26LV32A
TM
DS26LV32ATMX
ACTIVE
SOIC
D
16
2500
TBD
Call TI
Call TI
-40 to 85
DS26LV32A
TM
DS26LV32ATMX/NOPB
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
DS26LV32A
TM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - DS26LV32ATMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26LV32ATMX TI-DS26LV32ATMX Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX/NOPB TI1-DS26LV32ATMX/NOPB Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results

Similar Description - DS26LV32ATMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS34LV86T TI1-DS34LV86T_14 Datasheet
912Kb / 15P
[Old version datasheet]   DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
logo
National Semiconductor ...
DS26LV31T NSC-DS26LV31T Datasheet
121Kb / 8P
   3V Enhanced CMOS Quad Differential Line Driver
DS26LV31QML NSC-DS26LV31QML Datasheet
457Kb / 5P
   3V Enhanced CMOS Quad Differential Line Driver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com