Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4033BE Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD4033BE
Description  CMOS Decade Counters/Dividers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4033BE Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4033BE Datasheet HTML 3Page - Texas Instruments CD4033BE Datasheet HTML 4Page - Texas Instruments CD4033BE Datasheet HTML 5Page - Texas Instruments CD4033BE Datasheet HTML 6Page - Texas Instruments CD4033BE Datasheet HTML 7Page - Texas Instruments CD4033BE Datasheet HTML 8Page - Texas Instruments CD4033BE Datasheet HTML 9Page - Texas Instruments CD4033BE Datasheet HTML 10Page - Texas Instruments CD4033BE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4026BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4026BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4026BNSR
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4026BNSRE4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4026BNSRG4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4026BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4026BPWE4
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4026BPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4026BPWR
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4026BPWRE4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4026BPWRG4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4033BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4033BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4033BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4033BPWE4
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4033BPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 1


Similar Part No. - CD4033BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4033BE TI-CD4033BE Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
CD4033BEE4 TI-CD4033BEE4 Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
More results

Similar Description - CD4033BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4026B TI-CD4026B_12 Datasheet
873Kb / 15P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
CD4026BE TI1-CD4026BE Datasheet
875Kb / 16P
[Old version datasheet]   CMOS Decade Counters/Dividers
CD4033BPWRE4 TI-CD4033BPWRE4 Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
CD4026B TI-CD4026B Datasheet
497Kb / 12P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
SN54HC4017 TI1-SN54HC4017 Datasheet
126Kb / 6P
[Old version datasheet]   DECADE COUNTERS/DIVIDERS
logo
STMicroelectronics
HCC4026B STMICROELECTRONICS-HCC4026B Datasheet
319Kb / 15P
   7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
HCC4017B STMICROELECTRONICS-HCC4017B Datasheet
281Kb / 12P
   COUNTERS/DIVIDERS
logo
List of Unclassifed Man...
HCF4017B-HCF4022B ETC1-HCF4017B-HCF4022B Datasheet
278Kb / 12P
   COUNTERS/DIVIDERS
logo
Renesas Technology Corp
HD74LS390 RENESAS-HD74LS390 Datasheet
172Kb / 6P
   Dual Decade Counters
logo
Hitachi Semiconductor
HD74HC390 HITACHI-HD74HC390 Datasheet
51Kb / 9P
   Dual Decade Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com