Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962L9583401VZA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962L9583401VZA
Description  DS90C032QML LVDS Quad CMOS Differential Line Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962L9583401VZA Datasheet(HTML) 3 Page - Texas Instruments

  5962L9583401VZA Datasheet HTML 1Page - Texas Instruments 5962L9583401VZA Datasheet HTML 2Page - Texas Instruments 5962L9583401VZA Datasheet HTML 3Page - Texas Instruments 5962L9583401VZA Datasheet HTML 4Page - Texas Instruments 5962L9583401VZA Datasheet HTML 5Page - Texas Instruments 5962L9583401VZA Datasheet HTML 6Page - Texas Instruments 5962L9583401VZA Datasheet HTML 7Page - Texas Instruments 5962L9583401VZA Datasheet HTML 8Page - Texas Instruments 5962L9583401VZA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DS90C032QML
www.ti.com
SNLS203D – MARCH 2006 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.3V to +6V
Input Voltage (RI+, RI−)
−0.3V to +5.8V
Enable Input Voltage
(EN, EN*)
−0.3V to (VCC +0.3V)
Output Voltage (RO)
−0.3V to (VCC +0.3V)
Storage Temperature Range (TStg)
−65°C ≤ TA ≤ +150°C
Maximum Lead Temperature,
Soldering (4 seconds)
+260°C
Maximum Package Power Dissipation at +25°C(2)
LCCC Package
1830 mW
CLGA (NAD)
1400 mW
CLGA (NAC)
1400 mW
Thermal Resistance
θJA
LCCC Package
82°C/W
CLGA (NAD)
145°C/W
CLGA (NAC)
145°C/W
θJC
LCCC Package
20°C/W
CLGA (NAD)
20°C/W
CLGA (NAC)
20°C/W
ESD Rating(3)
2KV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Derate LCCC at 12.2mW/°C above +25°C. Derate CLGA at 6.8mW/°C above +25°C
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
Recommended Operating Conditions
Min
Typ
Max
Supply Voltage (VCC)
+4.5V
+5.0V
+5.5V
Receiver Input Voltage
Gnd
2.4V
Operating Free Air Temperature (TA)
−55°C
+25°C
+125°C
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90C032QML


Similar Part No. - 5962L9583401VZA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962L9468003VHA ETC2-5962L9468003VHA Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
National Semiconductor ...
5962L9950401VCA NSC-5962L9950401VCA Datasheet
887Kb / 27P
   Low Power Quad Operational Amplifiers
5962L9950401VDA NSC-5962L9950401VDA Datasheet
887Kb / 27P
   Low Power Quad Operational Amplifiers
5962L9950401VZA NSC-5962L9950401VZA Datasheet
887Kb / 27P
   Low Power Quad Operational Amplifiers
More results

Similar Description - 5962L9583401VZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML Datasheet
325Kb / 18P
[Old version datasheet]   DS90C032QML LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032TMX TI-DS90C032TMX Datasheet
863Kb / 18P
[Old version datasheet]   DS90C032 LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com