Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKY-500ELL221MJ16S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKY-500ELL221MJ16S
Description  Low impedance, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKY-500ELL221MJ16S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKY-500ELL221MJ16S Datasheet HTML 1Page - United Chemi-Con, Inc. EKY-500ELL221MJ16S Datasheet HTML 2Page - United Chemi-Con, Inc. EKY-500ELL221MJ16S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
L'
15min.
4min.
Vent
(Except
φ5 &φ6.3)
Sleeve (PET : Brown)
Newly innovative electrolyte is employed to minimize ESR
Endurance with ripple current : 4,000 to 10,000 hours at 105
Non solvent resistant type
RoHS Compliant
◆SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105
6.3 to 100Vdc
±20% (M)
I=0.01CV or 3
µA, whichever is greater.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
When nominal capacitance exceeds 1,000
µF, add 0.02 to the value above for each 1,000µF increase.
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 105
℃.
Time
φ5 & 6.3 : 4,000hours φ8 & 10 : 6,000hours φ12.5 to 18 : 8,000hours
φ5 & 6.3 : 5,000hours φ8 & 10 : 7,000hours φ12.5 to 18 : 10,000hours
Capacitance change
≦±25% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 500 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±25% of the initial value
≦200% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
6.3V
4
8
10V
3
6
16V
2
4
25V
2
3
35V
2
3
50V
2
3
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
63V
2
3
63V
0.09
80V
2
3
80V
0.09
100V
2
3
100V
0.08
6.3 to 10Vdc
16 to 100Vdc
◆DIMENSIONS [mm]
◆PART NUMBERING SYSTEM
5
0.5
2.0
φ
D
φ
d
F
φ
D'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
φD+0.5max.
L+1.5max.
(
φ5 to φ10)
Gas escape end seal
KY
Lower Z
Lower Z
KZE
KZH
Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 1.0
µF:1R0,10µF:100,100µF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,50V:500)
Series code
Category
E KY -
E
M
13
4
2
6
7
8
9
10
13
12
518
17
16
11
15
14
Please refer to "Product code guide (radial lead type)"
D.F. (tan
δ)
(
φ12.5 to φ18)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105
(1/3)
KYSeries
CAT. No. E1001M


Similar Part No. - EKY-500ELL221MJ16S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKY-500ELL221MJ16S CHEMI-CON-EKY-500ELL221MJ16S Datasheet
271Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKY-500ELL221MJ16S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXV6R3E CHEMI-CON-ELXV6R3E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV500E CHEMI-CON-ELXV500E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY6R3ADA CHEMI-CON-EMVY6R3ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA101ARA CHEMI-CON-EMZA101ARA Datasheet
424Kb / 2P
   Low impedance, 105?
EMZA630ADA CHEMI-CON-EMZA630ADA Datasheet
424Kb / 2P
   Low impedance, 105?
ELXV630E CHEMI-CON-ELXV630E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY500ADA CHEMI-CON-EMVY500ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA250ADA CHEMI-CON-EMZA250ADA Datasheet
424Kb / 2P
   Low impedance, 105?
ELXV100E CHEMI-CON-ELXV100E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV350E CHEMI-CON-ELXV350E Datasheet
438Kb / 3P
   Low impedance, 105?
EKY-6R3ELL472MK30S CHEMI-CON-EKY-6R3ELL472MK30S Datasheet
83Kb / 3P
   Low impedance, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com