Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ050N03LS-G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSZ050N03LS-G
Description  3 Power-MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ050N03LS-G Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSZ050N03LS-G Datasheet HTML 1Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 2Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 3Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 4Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 5Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 6Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 7Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 8Page - Infineon Technologies AG BSZ050N03LS-G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BSZ050N03LS G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=20 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS; I D=250 µA
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
2
4
6
8
-60
-20
20
60
100
140
180
T j [°C]
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
4
10
3
10
2
10
1
10
100
1000
10000
0
5
10
15
20
25
30
V DS [V]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
V SD [V]
Rev. 1.3
page 6
2009-11-05


Similar Part No. - BSZ050N03LS-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ050N03LSG INFINEON-BSZ050N03LSG Datasheet
506Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 1.3 2009-11-05
BSZ050N03LSG INFINEON-BSZ050N03LSG_09 Datasheet
506Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 1.3 2009-11-05
More results

Similar Description - BSZ050N03LS-G

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3935KLQ ALLEGRO-A3935KLQ Datasheet
317Kb / 16P
   3-PHASE POWER MOSFET CONTROLLER
logo
ON Semiconductor
MMDF1300 ONSEMI-MMDF1300 Datasheet
44Kb / 4P
   Power MOSFET 3 Amps, 25 Volts
March, 2001 ??Rev. 1
NTMD2P01R2 ONSEMI-NTMD2P01R2 Datasheet
142Kb / 6P
   Power MOSFET ??.3 Amps, ??6 Volts
February, 2006 ??Rev. 2
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDF3N03HD ONSEMI-MMDF3N03HD Datasheet
118Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 7
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
   Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
logo
Unisonic Technologies
3N80Z UTC-3N80Z Datasheet
212Kb / 6P
   3 Amps, 800Volts N-CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
   MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
logo
Unisonic Technologies
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com