Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC02B-SN Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LC02B-SN
Description  The Microchip Technology Inc. 24AA02/24LC02B(24XX02*) is a 2 Kbit Electrically Erasable PROM. T
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC02B-SN Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LC02B-SN Datasheet HTML 5Page - Microchip Technology 24LC02B-SN Datasheet HTML 6Page - Microchip Technology 24LC02B-SN Datasheet HTML 7Page - Microchip Technology 24LC02B-SN Datasheet HTML 8Page - Microchip Technology 24LC02B-SN Datasheet HTML 9Page - Microchip Technology 24LC02B-SN Datasheet HTML 10Page - Microchip Technology 24LC02B-SN Datasheet HTML 11Page - Microchip Technology 24LC02B-SN Datasheet HTML 12Page - Microchip Technology 24LC02B-SN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2009 Microchip Technology Inc.
DS21709J-page 9
24AA02/24LC02B
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a write
command has been issued from the master, the device
initiates the internally-timed write cycle and ACK polling
can then be initiated immediately. This involves the
master sending a Start condition followed by the control
byte for a write command (R/W = 0). If the device is still
busy with the write cycle, no ACK will be returned. If the
cycle is complete, the device will return the ACK and
the master can then proceed with the next read or write
command. See Figure 7-1 for a flow diagram of this
operation.
FIGURE 7-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes


Similar Part No. - 24LC02B-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02B-E/LT MICROCHIP-24LC02B-E/LT Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B-E/MC MICROCHIP-24LC02B-E/MC Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B-E/MNY MICROCHIP-24LC02B-E/MNY Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B-E/MS MICROCHIP-24LC02B-E/MS Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B-E/OT MICROCHIP-24LC02B-E/OT Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
More results

Similar Description - 24LC02B-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64-EP MICROCHIP-24LC64-EP Datasheet
1Mb / 44P
   The Microchip Technology Inc. 24AA64/24LC64/24FC64 (24XX64*) is a 64 Kbit Electrically Erasable
11/29/12
logo
Integrated Silicon Solu...
IS93C46D ISSI-IS93C46D Datasheet
547Kb / 16P
   1-KBIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
   Electrically Erasable PROM
X2816AM XICOR-X2816AM Datasheet
373Kb / 8P
   Electrically Erasable PROM
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
HCS300 MICROCHIP-HCS300_11 Datasheet
714Kb / 36P
   Microchip Technology Inc. is a code hopping encoder designed
2011
HCS301 MICROCHIP-HCS301_11 Datasheet
747Kb / 38P
   Microchip Technology Inc. is a code hopping encoder designed for secure
2011
logo
Rohm
BR24L32 ROHM-BR24L32 Datasheet
443Kb / 26P
   4k횞8 bit electrically erasable PROM
BR24L16 ROHM-BR24L16 Datasheet
390Kb / 26P
   2k횞8 bit electrically erasable PROM
BR24L01 ROHM-BR24L01 Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com