Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVA1312.1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TVA1312.1
Description  Aluminum Capacitors 85 C, Miniature, Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVA1312.1 Datasheet(HTML) 2 Page - Vishay Siliconix

  TVA1312.1 Datasheet HTML 1Page - Vishay Siliconix TVA1312.1 Datasheet HTML 2Page - Vishay Siliconix TVA1312.1 Datasheet HTML 3Page - Vishay Siliconix TVA1312.1 Datasheet HTML 4Page - Vishay Siliconix TVA1312.1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TVA ATOM®
www.vishay.com
Vishay Sprague
Revision: 16-Apr-13
2
Document Number: 42038
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
LEAD DIAMETER (AWG)
SINGLE UNITS (POLARIZED)
6 WVDC
200.0
CB
TVA1101.7
18
10 WVDC
5000.0
GK
TVA1129.5
18
16 WVDC
25.0
BA
TVA1148
18
50.0
BB
TVA1150
18
100.0
CB
TVA1160
18
200.0
CC
TVA1160.6
18
250.0
DC
TVA1161
18
500.0
DD
TVA1162
18
600.0
DF
TVA1162.2
18
800.0
DF
TVA1162.3
18
1000.0
DH
TVA1163
18
1200.0
EH
TVA1164
18
1500.0
EH
TVA1175.2
18
2000.0
FK
TVA1170
18
3000.0
GH
TVA1175
18
5000.0
JL
TVA1175.5
20
10 000.0
LP
TVA1175.8
20
25 WVDC
10.0
BA
TVA1204
18
25.0
BA
TVA1205
18
50.0
BB
TVA1206
18
75.0
CB
TVA1206.1
18
100.0
CC
TVA1207
18
150.0
DC
TVA1207.5
18
200.0
DC
TVA1207.7
18
250.0
DD
TVA1208
18
500.0
EF
TVA1209
18
1000.0
FH
TVA1211
18
1500.0
GH
TVA1212
18
2000.0
GK
TVA1213
18
2500.0
JK
TVA1213.5
20
5000.0
KP
TVA1214.5
20
35 WVDC
500.0
EH
TVA1227
18
5500.0
JB
TVA1229
20
50 WVDC
1.0
BA
TVA1300
18
2.0
BA
TVA1301
18
5.0
BA
TVA1303
18
5.0
BA
TVA1303.1
18
10.0
BA
TVA1304
18
15.0
BB
TVA1305
18
20.0
BB
TVA1305.5
18
25.0
BB
TVA1306
18
40.0
CC
TVA1306.5
18
50.0
CC
TVA1308
18
75.0
DC
TVA1309.4
18
100.0
DC
TVA1310
18
150.0
DD
TVA1311
18
200.0
DF
TVA1311.5
18
250.0
DH
TVA1312
18
300.0
EF
TVA1312.1
18
400.0
FH
TVA1313
18
500.0
FH
TVA1315
18
600.0
GH
TVA1315.2
18
1000.0
GK
TVA1316
18
Note
(1) For other capacitance and voltage ratings, please see types 500D and 53D.


Similar Part No. - TVA1312.1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA130RSA-L MACOM-TVA130RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
More results

Similar Description - TVA1312.1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
516D VISHAY-516D Datasheet
89Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 12-Apr-12
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com