Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAM3N2AA-MU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM3N2AA-MU
Description  ARM-based Flash MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2AA-MU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM3N2AA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3N2AA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3N2AA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3N2AA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3N2AA-MU Datasheet HTML 9Page - ATMEL Corporation ATSAM3N2AA-MU Datasheet HTML 10Page - ATMEL Corporation ATSAM3N2AA-MU Datasheet HTML 11Page - ATMEL Corporation ATSAM3N2AA-MU Datasheet HTML 12Page - ATMEL Corporation ATSAM3N2AA-MU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9
11011BS–ATARM–22-Feb-12
SAM3N Summary
Notes:
1. Schmitt Triggers can be disabled through PIO registers.
2. Some PIO lines are shared with System IOs.
3. See Section 5.3 “Typical Powering Schematics” for restriction on voltage range of Analog Cells.
Serial Peripheral Interface - SPI
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
SPCK
SPI Serial Clock
I/O
SPI_NPCS0
SPI Peripheral Chip Select 0
I/O
Low
SPI_NPCS1 -
SPI_NPCS3
SPI Peripheral Chip Select
Output
Low
Two-Wire Interface- TWIx
TWDx
TWIx Two-wire Serial Data
I/O
TWCKx
TWIx Two-wire Serial Clock
I/O
Analog
ADVREF
ADC and DAC Reference
Analog
10-bit Analog-to-Digital Converter - ADC
AD0 - AD15
Analog Inputs
Analog
ADTRG
ADC Trigger
Input
VDDIO
Digital-to-Analog Converter Controller- DACC
DAC0
DACC channel analog output
Analog
DATRG
DACC Trigger
Input
VDDIO
Fast Flash Programming Interface
PGMEN0-PGMEN2
Programming Enabling
Input
VDDIO
PGMM0-PGMM3
Programming Mode
Input
PGMD0-PGMD15
Programming Data
I/O
PGMRDY
Programming Ready
Output
High
PGMNVALID
Data Direction
Output
Low
PGMNOE
Programming Read
Input
Low
PGMCK
Programming Clock
Input
PGMNCMD
Programming Command
Input
Low
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments


Similar Part No. - ATSAM3N2AA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3N2AA-MU ATMEL-ATSAM3N2AA-MU Datasheet
254Kb / 2P
   Cortex M3 Flash Microcontroller Converges Performance and Simplicity
More results

Similar Description - ATSAM3N2AA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com