Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAM3N2CA-CU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM3N2CA-CU
Description  ARM-based Flash MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2CA-CU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM3N2CA-CU Datasheet HTML 6Page - ATMEL Corporation ATSAM3N2CA-CU Datasheet HTML 7Page - ATMEL Corporation ATSAM3N2CA-CU Datasheet HTML 8Page - ATMEL Corporation ATSAM3N2CA-CU Datasheet HTML 9Page - ATMEL Corporation ATSAM3N2CA-CU Datasheet HTML 10Page - ATMEL Corporation ATSAM3N2CA-CU Datasheet HTML 11Page - ATMEL Corporation ATSAM3N2CA-CU Datasheet HTML 12Page - ATMEL Corporation ATSAM3N2CA-CU Datasheet HTML 13Page - ATMEL Corporation ATSAM3N2CA-CU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
11011BS–ATARM–22-Feb-12
SAM3N Summary
4.
Package and Pinout
SAM3N4/2/1/0/00 series is pin-to-pin compatible with SAM3S products. Furthermore
SAM3N4/2/1/0/00 devices have new functionalities referenced in italic inTable 4-1, Table 4-3
and Table 4-4.
4.1
SAM3N4/2/1/0/00C Package and Pinout
4.1.1
100-lead LQFP Package Outline
Figure 4-1.
Orientation of the 100-lead LQFP Package
4.1.2
100-ball TFBGA Package Outline
The 100-Ball TFBGA package has a 0.8 mm ball pitch and respects Green Standards. Its
dimensions are 9 x 9 x 1.1 mm.
Figure 4-2.
Orientation of the 100-ball TFBGA Package
125
26
50
51
75
76
100
1
3
4
5
6
7
8
9
10
2
AB C D E F G H J K
TOP VIEW
BALL A1


Similar Part No. - ATSAM3N2CA-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3N2CA-CU ATMEL-ATSAM3N2CA-CU Datasheet
254Kb / 2P
   Cortex M3 Flash Microcontroller Converges Performance and Simplicity
More results

Similar Description - ATSAM3N2CA-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com