Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV322A-70TU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49BV322A-70TU
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV322A-70TU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49BV322A-70TU Datasheet HTML 1Page - ATMEL Corporation AT49BV322A-70TU Datasheet HTML 2Page - ATMEL Corporation AT49BV322A-70TU Datasheet HTML 3Page - ATMEL Corporation AT49BV322A-70TU Datasheet HTML 4Page - ATMEL Corporation AT49BV322A-70TU Datasheet HTML 5Page - ATMEL Corporation AT49BV322A-70TU Datasheet HTML 6Page - ATMEL Corporation AT49BV322A-70TU Datasheet HTML 7Page - ATMEL Corporation AT49BV322A-70TU Datasheet HTML 8Page - ATMEL Corporation AT49BV322A-70TU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
3308J–FLASH–4/05
AT49BV322A(T)
3.
Block Diagram
4.
Device Operation
4.1
Read
The AT49BV322A(T) is accessed like an EPROM. When CE and OE are low and WE is high,
the data stored at the memory location determined by the address pins are asserted on the out-
puts. The outputs are put in the high impedance state whenever CE or OE is high. This dual-line
control gives designers flexibility in preventing bus contention.
4.2
Command Sequences
When the device is first powered on, it will be reset to the read or standby mode, depending
upon the state of the control line inputs. In order to perform other device functions, a series of
command sequences are entered into the device. The command sequences are shown in the
“Command Definition Table” on page 13 (I/O8 - I/O15 are don’t care inputs for the command
codes). The command sequences are written by applying a low pulse on the WE or CE input
with CE or WE low (respectively) and OE high. The address is latched on the falling edge of CE
or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Standard
IDENTIFIER
REGISTER
STATUS
REGISTER
DATA
COMPARATOR
OUTPUT
BUFFER
INPUT
BUFFER
COMMAND
REGISTER
Y-GATING
WRITE STATE
MACHINE
PROGRAM/ERASE
VOLTAGE SWITCH
CE
WE
OE
RESET
BYTE
RDY/BUSY
VPP
VCC
GND
Y-DECODER
X-DECODER
INPUT
BUFFER
ADDRESS
LATCH
I/O0 - I/O15/A-1
A0 - A20
MAIN
MEMORY


Similar Part No. - AT49BV322A-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV322A-70TI ATMEL-AT49BV322A-70TI Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV322A-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com