Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI70N10 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQI70N10
Description  100V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI70N10 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQI70N10 Datasheet HTML 1Page - Fairchild Semiconductor FQI70N10 Datasheet HTML 2Page - Fairchild Semiconductor FQI70N10 Datasheet HTML 3Page - Fairchild Semiconductor FQI70N10 Datasheet HTML 4Page - Fairchild Semiconductor FQI70N10 Datasheet HTML 5Page - Fairchild Semiconductor FQI70N10 Datasheet HTML 6Page - Fairchild Semiconductor FQI70N10 Datasheet HTML 7Page - Fairchild Semiconductor FQI70N10 Datasheet HTML 8Page - Fairchild Semiconductor FQI70N10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2000 Fairchild Semiconductor International
August 2000
Rev. B, August 2000
QFET
QFET
QFET
QFETTM
FQB70N10 / FQI70N10
100V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as audio amplifier,
high efficiency switching DC/DC converters, and DC motor
control.
Features
• 57A, 100V, RDS(on) = 0.023Ω @VGS = 10 V
• Low gate charge ( typical 85 nC)
• Low Crss ( typical 150 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQB70N10 / FQI70N10
Units
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
57
A
- Continuous (TC = 100°C)
40.3
A
IDM
Drain Current
- Pulsed
(Note 1)
228
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1300
mJ
IAR
Avalanche Current
(Note 1)
57
A
EAR
Repetitive Avalanche Energy
(Note 1)
16
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
3.75
W
Power Dissipation (TC = 25°C)
160
W
- Derate above 25°C
1.06
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.94
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
S
D
G
D2-PAK
FQB Series
I2-PAK
FQI Series
G
S
D
G
S
D


Similar Part No. - FQI70N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI70N08 FAIRCHILD-FQI70N08 Datasheet
672Kb / 9P
   80V N-Channel MOSFET
FQI70N08 FAIRCHILD-FQI70N08 Datasheet
678Kb / 9P
   FQB70N08 / FQI70N08 80V N-Channel MOSFET
More results

Similar Description - FQI70N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com