Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROCHESTER4 Datasheet(PDF) 4 Page - Rochester Electronics

Part # ROCHESTER4
Description  A Rochester Electronics White Paper
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ROCHESTER4 Datasheet(HTML) 4 Page - Rochester Electronics

  ROCHESTER4 Datasheet HTML 1Page - Rochester Electronics ROCHESTER4 Datasheet HTML 2Page - Rochester Electronics ROCHESTER4 Datasheet HTML 3Page - Rochester Electronics ROCHESTER4 Datasheet HTML 4Page - Rochester Electronics ROCHESTER4 Datasheet HTML 5Page - Rochester Electronics ROCHESTER4 Datasheet HTML 6Page - Rochester Electronics ROCHESTER4 Datasheet HTML 7Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rochester Electronics, LLC
www.rocelec.com
Page 3
Establish a list of trusted suppliers – use the
following criteria: (page 200)
• Number of years in business
• References from past/present customers
• Counterfeit screening, tracking, and testing
procedures
• Adherence to industry and government
standards
• Membership in industry associations
• Previous problems recorded
• Quality of warehouse/storage facilities
• Existing counterfeit avoidance policies
Counterfeit Electronic Components
in the U.S. Supply Chain [ continued ]
Counterfeit Electronic Components
in the U.S. Supply Chain [ continued ]
Rochester purchases directly from original
component manufacturers. All of Rochester’s
stock is 100% traceable. And Rochester is an
authorized dealer – authorized by more than 50
original manufacturers.
Require suppliers to trace parts back to OCMs –
certificate of conformance.
Every Rochester component is 100% traceable
back to the original manufacturer.
[ Continued on page 4 ]
“Buy parts directly from OCMs and authorized
distributors, rather than from parts brokers,
independent distributors, or the gray market.”
(page 198)
This policy may not be practical for
organizations “that work on systems that require
out-of-production or obsolete parts.” (page 198)
As an authorized dealer, Rochester belongs on
everyone’s list of trusted suppliers:
• 30 years in the semiconductor business
• Satisfied past and present customers
• Procedures and equipment screen, track, and
test for counterfeit components
• Rochester adheres to all standards and works
to improve them
• Active member of SIA*
• Rochester reports all counterfeit incidents
• Rochester’s facilities are all state of the art
• Rochester’s counterfeit avoidance policies are
aggressive
* Semiconductor Industry Association
Because all of Rochester’s products and services
are 100% guaranteed, escrow service is not often
requested; however, we willingly work with any
customer’s requirements.
Use a third-party escrow service to hold payment
while parts are tested for authenticity.
Ensure that procurement schedules are realistic.
Rochester has developed a number of proven,
customizable programs that help customers plan
for future component needs.
Establish contracts with suppliers that include
improved notices for final life-time part purchase
opportunities and of termination when electronic
components will no longer be manufactured.
“Organizations should also have proactive
obsolescence management plans when parts
go out of production.” (page 200)
Rochester’s Bill of Materials (BOM) program
analyzes customers’ requirement lists and
provides a report on products that have delivery
or EOL issues. Customers can then quickly develop
a plan for the continuing supply of needed parts,
greatly reducing the risk of non-availability and
increased costs.
Rochester ensures that all suspect parts are
reported to authorities and the original
manufacturer and then are properly disposed
of by a bonded recycling facility so they can’t
re-enter the supply chain.
Physically destroy all defective, damaged, and
substandard parts.


Similar Part No. - ROCHESTER4

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
ROCHESTER1 ROCHESTER-ROCHESTER1 Datasheet
316Kb / 4P
   A Rochester Electronics White Paper
ROCHESTER2 ROCHESTER-ROCHESTER2 Datasheet
1Mb / 5P
   A Rochester Electronics White Paper
ROCHESTER3 ROCHESTER-ROCHESTER3 Datasheet
1Mb / 4P
   A Rochester Electronics White Paper
ROCHESTER5 ROCHESTER-ROCHESTER5 Datasheet
1Mb / 15P
   A Rochester Electronics White Paper
More results

Similar Description - ROCHESTER4

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
ROCHESTER2 ROCHESTER-ROCHESTER2 Datasheet
1Mb / 5P
   A Rochester Electronics White Paper
ROCHESTER3 ROCHESTER-ROCHESTER3 Datasheet
1Mb / 4P
   A Rochester Electronics White Paper
ROCHESTER1 ROCHESTER-ROCHESTER1 Datasheet
316Kb / 4P
   A Rochester Electronics White Paper
ROCHESTER5 ROCHESTER-ROCHESTER5 Datasheet
1Mb / 15P
   A Rochester Electronics White Paper
logo
KODENSHI_AUK CORP.
KPS1004C KODENSHI-KPS1004C Datasheet
176Kb / 3P
   Paper Sensor
KPS1001C KODENSHI-KPS1001C Datasheet
172Kb / 3P
   Paper Sensor
KPS1003C KODENSHI-KPS1003C Datasheet
173Kb / 3P
   Paper Sensor
KPS1002C KODENSHI-KPS1002C Datasheet
172Kb / 3P
   Paper Sensor
logo
TE Connectivity Ltd
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
   Especially suited for applications white goods consumer electronics, etc.
logo
Murata Manufacturing Co...
GRM1555C1H180JA01 MURATA-GRM1555C1H180JA01 Datasheet
98Kb / 2P
   180mm Paper taping 10000 330mm Paper taping 50000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com