Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1206Y223KXEAT5Z Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VJ1206Y223KXEAT5Z
Description  Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1206Y223KXEAT5Z Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VJ1206Y223KXEAT5Z Datasheet HTML 2Page - Vishay Siliconix VJ1206Y223KXEAT5Z Datasheet HTML 3Page - Vishay Siliconix VJ1206Y223KXEAT5Z Datasheet HTML 4Page - Vishay Siliconix VJ1206Y223KXEAT5Z Datasheet HTML 5Page - Vishay Siliconix VJ1206Y223KXEAT5Z Datasheet HTML 6Page - Vishay Siliconix VJ1206Y223KXEAT5Z Datasheet HTML 7Page - Vishay Siliconix VJ1206Y223KXEAT5Z Datasheet HTML 8Page - Vishay Siliconix VJ1206Y223KXEAT5Z Datasheet HTML 9Page - Vishay Siliconix VJ1206Y223KXEAT5Z Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VJ HVArc Guard®
www.vishay.com
Vishay Vitramon
Revision: 25-Mar-13
8
Document Number: 45197
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Vishay Vitramon uses embossed plastic carrier tape and punch paper carrier tape
(2) Paper tape is not available for case sizes > 1206 or for component thickness > 0.035" (0.89 mm)
(3) 11 1/4" reel is standard for large quantities. 13" is maybe used for large “T” dimension parts
(4) Reference: EIA standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(5) n/a = not available
(6) Packaging quantity can vary with product thickness
Contact mlcc@vishay.com with respect to specific part number requirements
TYPICAL C0G (NP0) VOLTAGE BREAKDOWN
TYPICAL X7R VOLTAGE BREAKDOWN
TYPICAL
ARCING ON MLCCS (shown in polarized light)
Crack caused by surface arc from end termination to top electrode
layer cause component failure
Corona traces due to arc-over become conductive paths leading to
component failure
STANDARD PACKAGING QUANTITIES (1)(2)(3)(4)(5)
CASE CODE
TAPE SIZE
7" REEL QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
PAPER TAPE
PACKAGING CODE
“C”/“O”
PLASTIC TAPE
PACKAGING CODE
“T”
PAPER TAPE
PACKAGING CODE
“P”/“I”
PLASTIC TAPE
PACKAGING CODE
“R”
0805
8 mm
3000
3000
10 000
10 000
1206 (6)
8 mm
n/a
2500
n/a
10 000
1210 (6)
8 mm
n/a
2500
n/a
10 000
1808
12 mm
n/a
2000
n/a
10 000
1812
12 mm
n/a
1000
n/a
4000
2220
12 mm
n/a
1000
n/a
4000
2225
12 mm
n/a
1000
n/a
4000
STORAGE AND HANDLING CONDITIONS
(1) Store the components at 5 °C to + 40 °C ambient temperature and
 70 % related humidity conditions.
(2) The product is recommended to be used within a time-frame of 2 years after shipment.
Check solderability in case extended shelf life beyond the expiry date is needed.
Precautions:
a. Do not store products in an environment containing corrosive elements, especially where chloride gas, sulfide gas, acid, alkali, salt or
the like are present. This may cause corrosion or oxidization of the terminations, which can easily lead to poor soldering.
b. Store products on the shelf and avoid exposure to moisture or dust.
c. Do not expose products to excessive shock, vibration, direct sunlight and so on.
TYPICAL C0G (NP0) VOLTAGE BREAKDOWN
(n = 50, 500 V/s applied)
2000
2100
2200
2300
2400
2500
2600
2700
2800
2900
3000
1000 V
1500 V
PART RATED VOLTAGE
TYPICAL X7R VOLTAGE BREAKDOWN
(n = 50, 500 V/s applied)
0
500
1000
1500
2000
2500
3000
3500
250 V
DC
500 V
DC
1000 V
DC
PART RATED VOLTAGE
HVArc Guard
®
HVArc Guard
®


Similar Part No. - VJ1206Y223KXEAT5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1206Y223KXEAT5Z VISHAY-VJ1206Y223KXEAT5Z Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
More results

Similar Description - VJ1206Y223KXEAT5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805 VISHAY-VJ0805 Datasheet
134Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 26-Feb-10
VJ0805Y VISHAY-VJ0805Y Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
VJHVARC VISHAY-VJHVARC Datasheet
189Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 23-Nov-16
VJHVARCGUARD VISHAY-VJHVARCGUARD Datasheet
184Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com