Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1331R-681J Datasheet(PDF) 1 Page - API Delevan

Part # 1331R-681J
Description  Shielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

1331R-681J Datasheet(HTML) 1 Page - API Delevan

  1331R-681J Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 1331R
1331
Shielded Surface Mount Inductors
Physical Parameters
Inches
Millimeters
A
0.300 to 0.325
7.62 to 8.26
B
0.105 to 0.125
2.67 to 3.18
C
0.125 to 0.145
3.18 to 3.68
D
0.020 Min.
0.508 Min.
E
0.040 to 0.060
1.02 to 1.52
F
0.190 (Ref. only)
4.83 (Ref. only)
G
0.070 (Ref. only)
1.78 (Ref. only)
Dimensions “A” and “C” are over terminations
Weight Max (Grams) 0.30
Operating Temperature Range –55°C to +105°C
Current Rating at 90°C Ambient 15°C Rise
Maximum Power Dissipation at 90°C 0.585 W
Incremental Current Current level which causes a
maximum of 5% decrease in inductance.
Coupling 3% Max.
**Note Self Resonant Frequency (SRF) values for -101K
to -331K are calculated and for reference only.
Marking API/SMD; inductance with units and tolerance
followed by an S; date code (YYWWL). Note: An R before
the date code indicates a RoHS component.
Example: 1331R-683K
API/SMD
68uH±10%S
R 0719B
Packaging Tape & reel (16mm): 7" reel, 500 pieces max.;
13" reel, 2200 pieces max.
Made In the U.S.A.
SERIES 1331 IRON CORE - IRON SLEEVE
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
SERIES 1331 IRON CORE - FERRITE SLEEVE
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
SERIES 1331 FERRITE CORE - FERRITE SLEEVE
-124K
-154K
-184K
-224K
-274K
-334K
-394K
-474K
-564K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
670
635
610
585
545
530
495
485
460
440
430
405
385
247
228
217
202
193
185
173
136
124
118
111
106
122
115
108
96
88
83
75
69
64
61
59
51
27
24
22
20
18
16
14
13
12
670
635
610
585
545
530
495
485
460
440
430
405
385
247
228
217
202
193
185
173
136
124
118
111
106
122
115
108
96
88
83
75
69
64
61
59
51
88
75
69
64
61
53
46
43
40
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.19
0.21
0.23
0.24
0.27
0.30
0.73
0.86
0.95
1.10
1.20
1.30
1.50
2.40
2.90
3.20
3.60
4.00
3.00
3.40
3.80
4.90
5.80
6.50
7.90
9.30
11.0
12.0
13.0
16.8
5.80
7.90
9.40
11.0
12.0
16.0
21.0
24.0
28.0
490.0**
430.0**
415.0**
375.0**
330.0**
300.0**
260.0**
230.0
220.0
210.0
180.0
165.0
150.0
130.0
115.0
105.0
95.0
90.0
80.0
75.0
70.0
60.0
55.0
53.0
50.0
35.0
30.0
26.0
24.0
21.0
20.0
19.0
16.0
15.0
13.0
11.0
10.5
13.0
12.0
11.0
10.0
9.0
8.0
7.8
7.5
7.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
45
45
45
45
45
45
44
42
41
41
39
38
37
40
41
43
45
48
49
50
50
50
50
50
50
36
38
40
40
40
41
42
44
44
45
45
40
31
33
33
35
35
35
35
35
35
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/27/10 3:20 PM Page 23


Similar Part No. - 1331R-681J

ManufacturerPart #DatasheetDescription
logo
API Delevan
1331R-681K API-1331R-681K Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
More results

Similar Description - 1331R-681J

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com