Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS107KL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BS107KL
Description  N-Channel 240 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BS107KL Datasheet(HTML) 5 Page - Vishay Siliconix

  BS107KL Datasheet HTML 1Page - Vishay Siliconix BS107KL Datasheet HTML 2Page - Vishay Siliconix BS107KL Datasheet HTML 3Page - Vishay Siliconix BS107KL Datasheet HTML 4Page - Vishay Siliconix BS107KL Datasheet HTML 5Page - Vishay Siliconix BS107KL Datasheet HTML 6Page - Vishay Siliconix BS107KL Datasheet HTML 7Page - Vishay Siliconix BS107KL Datasheet HTML 8Page - Vishay Siliconix BS107KL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 72225
S12-1767-Rev. C, 23-Jul-12
www.vishay.com
5
Vishay Siliconix
TN2404K/TN2404KL/BS107KL
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?72225.
Normalized Thermal Transient Impedance, Junction-to-Ambient
(TO-236, TN2404K only)
10−3
10−2
0
0
6
0
1
1
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA =350 C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Ambient
(TO-226AA, TN2404KL and TO-92-18RM, BS107KL only)
10 K
1
0.01
0.1
0
0
1
1
1
.
0
K
1
0
1
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
0.01
t1 − Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 156 C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
Notes:
PDM
t2


Similar Part No. - BS107KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BS107KL VISHAY-BS107KL Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
BS107KL VISHAY-BS107KL Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
BS107KL VISHAY-BS107KL Datasheet
192Kb / 8P
   N-Channel 240 V (D-S) MOSFET
01-Jan-2022
BS107KL-TR1 VISHAY-BS107KL-TR1 Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
More results

Similar Description - BS107KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA450DJ VISHAY-SIA450DJ Datasheet
109Kb / 7P
   N-Channel 240-V (D-S) MOSFET
Rev. C, 03-Mar-08
TN2404K-T1-GE3 VISHAY-TN2404K-T1-GE3 Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
TN2404K VISHAY-TN2404K_V01 Datasheet
192Kb / 8P
   N-Channel 240 V (D-S) MOSFET
01-Jan-2022
SIA450DJ-T1-GE3 VISHAY-SIA450DJ-T1-GE3 Datasheet
195Kb / 9P
   N-Channel 240-V (D-S) MOSFET
Rev. C, 03-Mar-08
TN2460L VISHAY-TN2460L Datasheet
52Kb / 4P
   N-Channel 240-V (D-S) MOSFET
Rev. D , 16-Jul-01
TN2404K VISHAY-TN2404K Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
TN2410L VISHAY-TN2410L Datasheet
54Kb / 5P
   N-Channel 240-V (D-S) MOSFETs
Rev. F, 16-Jul-01
VP2410L VISHAY-VP2410L Datasheet
42Kb / 4P
   P-Channel 240-V (D-S) MOSFET
Rev. D, 16-Jun-01
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com