Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN2404KL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TN2404KL
Description  N-Channel 240 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TN2404KL Datasheet(HTML) 7 Page - Vishay Siliconix

  TN2404KL Datasheet HTML 1Page - Vishay Siliconix TN2404KL Datasheet HTML 2Page - Vishay Siliconix TN2404KL Datasheet HTML 3Page - Vishay Siliconix TN2404KL Datasheet HTML 4Page - Vishay Siliconix TN2404KL Datasheet HTML 5Page - Vishay Siliconix TN2404KL Datasheet HTML 6Page - Vishay Siliconix TN2404KL Datasheet HTML 7Page - Vishay Siliconix TN2404KL Datasheet HTML 8Page - Vishay Siliconix TN2404KL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AN807
Vishay Siliconix
Document Number: 70739
26-Nov-03
www.vishay.com
1
Mounting LITTLE FOOTR SOT-23 Power MOSFETs
Wharton McDaniel
Surface-mounted LITTLE FOOT power MOSFETs use integrated
circuit and small-signal packages which have been been modified
to provide the heat transfer capabilities required by power devices.
Leadframe materials and design, molding compounds, and die
attach materials have been changed, while the footprint of the
packages remains the same.
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/doc?72286), for the basis
of the pad design for a LITTLE FOOT SOT-23 power MOSFET
footprint . In converting this footprint to the pad set for a power
device, designers must make two connections: an electrical
connection and a thermal connection, to draw heat away from the
package.
The electrical connections for the SOT-23 are very simple. Pin 1 is
the gate, pin 2 is the source, and pin 3 is the drain. As in the other
LITTLE FOOT packages, the drain pin serves the additional
function of providing the thermal connection from the package to
the PC board. The total cross section of a copper trace connected
to the drain may be adequate to carry the current required for the
application, but it may be inadequate thermally. Also, heat spreads
in a circular fashion from the heat source. In this case the drain pin
is the heat source when looking at heat spread on the PC board.
Figure 1 shows the footprint with copper spreading for the SOT-23
package. This pattern shows the starting point for utilizing the
board area available for the heat spreading copper. To create this
pattern, a plane of copper overlies the drain pin and provides
planar copper to draw heat from the drain lead and start the
process of spreading the heat so it can be dissipated into the
ambient air. This pattern uses all the available area underneath the
body for this purpose.
FIGURE 1. Footprint With Copper Spreading
0.114
2.9
0.059
1.5
0.0394
1.0
0.037
0.95
0.150
3.8
0.081
2.05
Since surface-mounted packages are small, and reflow soldering
is the most common way in which these are affixed to the PC
board, “thermal” connections from the planar copper to the pads
have not been used. Even if additional planar copper area is used,
there should be no problems in the soldering process. The actual
solder connections are defined by the solder mask openings. By
combining the basic footprint with the copper plane on the drain
pins, the solder mask generation occurs automatically.
A final item to keep in mind is the width of the power traces. The
absolute minimum power trace width must be determined by the
amount of current it has to carry. For thermal reasons, this
minimum width should be at least 0.020 inches. The use of wide
traces connected to the drain plane provides a low-impedance
path for heat to move away from the device.


Similar Part No. - TN2404KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN2404KL VISHAY-TN2404KL Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
TN2404KL VISHAY-TN2404KL Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
TN2404KL VISHAY-TN2404KL Datasheet
192Kb / 8P
   N-Channel 240 V (D-S) MOSFET
01-Jan-2022
TN2404KL-TR1 VISHAY-TN2404KL-TR1 Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
More results

Similar Description - TN2404KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA450DJ VISHAY-SIA450DJ Datasheet
109Kb / 7P
   N-Channel 240-V (D-S) MOSFET
Rev. C, 03-Mar-08
TN2404K-T1-GE3 VISHAY-TN2404K-T1-GE3 Datasheet
226Kb / 9P
   N-Channel 240 V (D-S) MOSFET
Rev. C, 23-Jul-12
TN2404K VISHAY-TN2404K_V01 Datasheet
192Kb / 8P
   N-Channel 240 V (D-S) MOSFET
01-Jan-2022
SIA450DJ-T1-GE3 VISHAY-SIA450DJ-T1-GE3 Datasheet
195Kb / 9P
   N-Channel 240-V (D-S) MOSFET
Rev. C, 03-Mar-08
TN2460L VISHAY-TN2460L Datasheet
52Kb / 4P
   N-Channel 240-V (D-S) MOSFET
Rev. D , 16-Jul-01
TN2404K VISHAY-TN2404K Datasheet
62Kb / 5P
   N-Channel 240 -V (D-S) MOSFET
Rev. B , 04-Oct-04
TN2410L VISHAY-TN2410L Datasheet
54Kb / 5P
   N-Channel 240-V (D-S) MOSFETs
Rev. F, 16-Jul-01
VP2410L VISHAY-VP2410L Datasheet
42Kb / 4P
   P-Channel 240-V (D-S) MOSFET
Rev. D, 16-Jun-01
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com