Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL972IPE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL972IPE4
Description  OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL972IPE4 Datasheet(HTML) 3 Page - Texas Instruments

  TL972IPE4 Datasheet HTML 1Page - Texas Instruments TL972IPE4 Datasheet HTML 2Page - Texas Instruments TL972IPE4 Datasheet HTML 3Page - Texas Instruments TL972IPE4 Datasheet HTML 4Page - Texas Instruments TL972IPE4 Datasheet HTML 5Page - Texas Instruments TL972IPE4 Datasheet HTML 6Page - Texas Instruments TL972IPE4 Datasheet HTML 7Page - Texas Instruments TL972IPE4 Datasheet HTML 8Page - Texas Instruments TL972IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TL971, TL972, TL974
www.ti.com
SLOS467G – OCTOBER 2006 – REVISED MAY 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage range(2)
2.7 V to 15 V
VID
Differential input voltage(3)
±1 V
VIN
Input voltage range(4)
VCC– – 0.3 V to VCC+ + 0.3 V
8 pin
97°C/W
D package(5)
14 pin
86°C/W
DBV package(5)
206°C/W
DGK package(6)
172°C/W
θJA
Package thermal impedance, junction to free air
DRG package(6)
44°C/W
N package(5)
80°C/W
P package(5)
85°C/W
8 pin
149°C/W
PW package(5)
14 pin
113°C/W
TJ
Maximum junction temperature
150°C
Tstg
Storage temperature range
–65°C to 150°C
Human-Body Model (HBM)
2000 V
ESD
Electrostatic discharge protection
Machine Model (MM)
200 V
Charged-Device Model (CDM)
1500 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Differential voltages for the noninverting input terminal are with respect to the inverting input terminal.
(4)
The input and output voltages must never exceed VCC + 0.3 V.
(5)
Package thermal impedance is calculated in accordance with JESD 51-7.
(6)
Package thermal impedance is calculated in accordance with JESD 51-5.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
2.7
12
V
VICM
Common-mode input voltage
VCC– + 1.15 VCC+ – 1.15
V
TA
Operating free-air temperature
–40
125
°C
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL971 TL972 TL974


Similar Part No. - TL972IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL972IPE4 TI1-TL972IPE4 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
More results

Similar Description - TL972IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
TS971 STMICROELECTRONICS-TS971 Datasheet
114Kb / 12P
   OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com