Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL331KDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL331KDBVR
Description  SINGLE DIFFERENTIAL COMPARATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL331KDBVR Datasheet(HTML) 3 Page - Texas Instruments

  TL331KDBVR Datasheet HTML 1Page - Texas Instruments TL331KDBVR Datasheet HTML 2Page - Texas Instruments TL331KDBVR Datasheet HTML 3Page - Texas Instruments TL331KDBVR Datasheet HTML 4Page - Texas Instruments TL331KDBVR Datasheet HTML 5Page - Texas Instruments TL331KDBVR Datasheet HTML 6Page - Texas Instruments TL331KDBVR Datasheet HTML 7Page - Texas Instruments TL331KDBVR Datasheet HTML 8Page - Texas Instruments TL331KDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
TL331
www.ti.com ......................................................................................................................................................... SLVS238F – AUGUST 1999 – REVISED JULY 2008
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA
(2)
MIN
TYP
MAX
UNIT
25°C
2
5
VCC = 5 V to 30 V, VO = 1.4 V,
VIO
Input offset voltage
mV
VIC = VIC(min)
Full range
9
25°C
5
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
250
25°C
–25
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–400
0 to
25°C
VCC – 1.5
Common-mode input voltage
VICR
V
range(3)
0 to
Full range
VCC – 1.5
Large-signal differential voltage
VCC = 15 V, VO = 1.4 V to 11.4 V,
AVD
25°C
50
200
V/mV
amplification
RL ≥ 15 kΩ to VCC
VOH = 5 V, VID = 1 V
25°C
0.1
50
nA
IOH
High-level output current
VOH = 30 V, VID = 1 V
Full range
1
µA
25°C
150
400
VOL
Low-level output voltage
IOL = 4 mA, VID = –1 V
mV
Full range
700
IOL
Low-level output current
VOL = 1.5 V, VID = 1 V
25°C
6
mA
ICC
Supply current
RL = ∞, VCC = 5 V
25°C
0.4
0.7
mA
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
Full range TA is –40°C to 85°C for I-suffix devices and –40°C to 105°C for K-suffix devices.
(3)
The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the
common-mode voltage range is VCC+ – 1.5 V, but either or both inputs can go to 30 V without damage.
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
100-mV input step with 5-mV overdrive
1.3
Response time
RL connected to 5 V through 5.1 kΩ, CL = 15 pF
(1) (2)
µs
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL331


Similar Part No. - TL331KDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331KDBVR TI1-TL331KDBVR Datasheet
802Kb / 18P
[Old version datasheet]   Single Differential Comparator
TL331KDBVR TI1-TL331KDBVR Datasheet
995Kb / 21P
[Old version datasheet]   TL331B, TL391B and TL331 Single Comparators
TL331KDBVRG4 TI1-TL331KDBVRG4 Datasheet
802Kb / 18P
[Old version datasheet]   Single Differential Comparator
TL331KDBVRG4 TI1-TL331KDBVRG4 Datasheet
995Kb / 21P
[Old version datasheet]   TL331B, TL391B and TL331 Single Comparators
More results

Similar Description - TL331KDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331-Q1 TI-TL331-Q1_15 Datasheet
687Kb / 11P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
logo
Diodes Incorporated
AP331A DIODES-AP331A Datasheet
275Kb / 13P
   SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
logo
Texas Instruments
TL331-EP TI1-TL331-EP_16 Datasheet
702Kb / 11P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI1-TL331-Q1_13 Datasheet
703Kb / 11P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI-TL331-EP_15 Datasheet
687Kb / 11P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
[Old version datasheet]   Single Differential Comparator
TL331 TI-TL331_06 Datasheet
161Kb / 6P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI1-TL331-Q1 Datasheet
355Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_14 Datasheet
698Kb / 12P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com