Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF1150MA Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF1150MA
Description  MICROWAVE POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1150MA Datasheet(HTML) 4 Page - Motorola, Inc

  MRF1150MA Datasheet HTML 1Page - Motorola, Inc MRF1150MA Datasheet HTML 2Page - Motorola, Inc MRF1150MA Datasheet HTML 3Page - Motorola, Inc MRF1150MA Datasheet HTML 4Page - Motorola, Inc MRF1150MA Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MRF1150MA MRF1150MB
4
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 332–04
ISSUE D
(MRF1150MA)
NOTES:
1. DIMENSION K APPLIES TWO PLACES.
2. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1973.
STYLE 1:
PIN 1. BASE
2. EMITTER
3. BASE
4. COLLECTOR
SEATING
PLANE
–T–
K
M
L
D
A
4
1
3
2
8–32 UNC 2A
F
H
E
U
C
N
–B–
J
M
0.76 (0.030)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
6.86
7.62
0.270
0.300
B
6.10
6.60
0.240
0.260
C
16.26
16.76
0.640
0.660
D
4.95
5.21
0.195
0.205
E
1.40
1.65
0.055
0.065
F
2.67
4.32
0.105
0.170
H
1.40
1.65
0.055
0.065
J
0.08
0.18
0.003
0.007
K
15.24
–––
0.600
–––
L
2.41
2.67
0.095
0.105
M
45 NOM
45 NOM
N
4.97
6.22
0.180
0.245
U
2.92
3.68
0.115
0.145
__
CASE 332A–03
ISSUE D
(MRF1150MB)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. BASE
2. EMITTER
3. BASE
4. COLLECTOR
K
F
D
SEATING
1
4
3
2
PLANE
H
A
J
C
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.270
0.290
6.86
7.36
C
0.115
0.135
2.93
3.42
D
0.195
0.205
4.96
5.20
F
0.095
0.105
2.42
2.66
H
0.050
0.070
1.27
1.77
J
0.003
0.007
0.08
0.17
K
0.600
–––
15.24
–––


Similar Part No. - MRF1150MA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF1150MA MACOM-MRF1150MA Datasheet
150Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
More results

Similar Description - MRF1150MA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1015MA MOTOROLA-MRF1015MA Datasheet
110Kb / 4P
   MICROWAVE POWER TRANSISTORS
MRF10500 MOTOROLA-MRF10500 Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS
MRW2001 MOTOROLA-MRW2001 Datasheet
102Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1002MA MOTOROLA-MRF1002MA Datasheet
109Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1035MB MOTOROLA-MRF1035MB Datasheet
100Kb / 4P
   MICROWAVE POWER TRANSISTORS
MRF1090MA MOTOROLA-MRF1090MA Datasheet
104Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
   MICROWAVE LINEAR POWER TRANSISTORS
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
logo
Motorola, Inc
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
   MICROWAVE LINEAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com