Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS16G Datasheet(PDF) 2 Page - First Components International

Part # SFS16G
Description  1.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SFS16G Datasheet(HTML) 2 Page - First Components International

  SFS16G Datasheet HTML 1Page - First Components International SFS16G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
1.0Amp Glass Passivated
SUPER FAST PLASTIC RECTIFIERS
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.0
0.6
0.4
0.2
0.8
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
5
10
15
20
25
30
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
1
100
1.0
4.0
10
100
10
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
SF
11G-SF14G
SF15G
SF16G


Similar Part No. - SFS16G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1601G TSC-SFS1601G Datasheet
84Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
168Kb / 2P
   16.0 AMPS. Surface Mount Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
143Kb / 2P
   16.0AMPS. Surface Mount Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
437Kb / 4P
   16.0AMPS. Surface Mount Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
393Kb / 4P
   Surface Mount Super Fast Rectifiers
More results

Similar Description - SFS16G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_12 Datasheet
190Kb / 2P
   1.0AMP. Glass Passivated Super Fast Rectifiers
SFT11G TSC-SFT11G_13 Datasheet
429Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_13 Datasheet
433Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
   1.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FR101G TSC-FR101G_13 Datasheet
424Kb / 4P
   1.0AMP Glass Passivated Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101G CHONGQING-FR101G_16 Datasheet
177Kb / 1P
   1.0AMP . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
First Components Intern...
SFS21G FCI-SFS21G Datasheet
613Kb / 2P
   2.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Shenzhen Luguang Electr...
UF4001 LUGUANG-UF4001 Datasheet
182Kb / 2P
   1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com